Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8545ATT
Description  4 횞 40 LCD segment driver for Chip-On-Glass
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8545ATT Datasheet HTML 1Page - NXP Semiconductors PCF8545ATT Datasheet HTML 2Page - NXP Semiconductors PCF8545ATT Datasheet HTML 3Page - NXP Semiconductors PCF8545ATT Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1.
General description
The PCE85176AUG is a peripheral device which interfaces to almost any Liquid Crystal
Display (LCD)1 with low multiplex rates. It generates the drive signals for any static or
multiplexed LCD containing up to four backplanes and up to 40 segments. The
PCE85176AUG is compatible with most microcontrollers and communicates via the
two-line bidirectional I2C-bus. Communication overheads are minimized by a display RAM
with auto-incremented addressing and by display memory switching (static and duplex
drive modes).
For a selection of NXP LCD segment drivers, see Table 31 on page 40.
2.
Features and benefits
Single chip LCD controller and driver
Selectable backplane drive configuration: static, 2, 3, or 4 backplane multiplexing
Selectable display bias configuration: static, 1⁄2, or 1⁄3
Internal LCD bias generation with voltage-follower buffers
40 segment drives:
Up to 20 7-segment alphanumeric characters
Up to 10 14-segment alphanumeric characters
Any graphics of up to 160 elements
40
 4-bit RAM for display data storage
Display memory bank switching in static and duplex drive modes
Versatile blinking modes
Independent supplies possible for LCD and logic voltages
Wide power supply range: from 1.8 V to 5.5 V
Wide logic LCD supply range:
From 2.5 V for low-threshold LCDs
Up to 5.5 V for high-threshold twisted nematic LCDs
Low power consumption
400 kHz I2C-bus interface
No external components required
Compatible with Chip-On-Glass (COG) technology
PCE85176AUG
4 × 40 LCD segment driver for Chip-On-Glass
Rev. 1 — 12 January 2015
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 19.


Similar Part No. - PCF8545ATT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8545ATT NXP-PCF8545ATT Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8545ATT NXP-PCF8545ATT Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results

Similar Description - PCF8545ATT

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
28th Aug 98
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
40 Dot Matrix LCD Segment Driver
September 1, 2000
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
40 Segment Static LCD Driver
logo
NXP Semiconductors
PCF8551 NXP-PCF8551 Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8553 NXP-PCF8553 Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
PCA8551 NXP-PCA8551 Datasheet
664Kb / 53P
Automotive 36 횞 4 LCD segment driver
Rev. 3.1-3 May 2021
PCA8561 NXP-PCA8561 Datasheet
694Kb / 50P
Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCA8576F NXP-PCA8576F Datasheet
428Kb / 54P
Automotive 40 횞 4 LCD driver
Rev. 3-3 December 2014
PCA8553 NXP-PCA8553 Datasheet
667Kb / 52P
Automotive 40 횞 4 LCD segment driver
Rev. 4-1 October 2021
PCA8530 NXP-PCA8530 Datasheet
752Kb / 103P
Automotive 102 x 4 Chip-On-Glass LCD segment driver
Rev. 2 ??25 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com