Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8536AT Datasheet HTML 1Page - NXP Semiconductors PCF8536AT Datasheet HTML 2Page - NXP Semiconductors PCF8536AT Datasheet HTML 3Page - NXP Semiconductors PCF8536AT Datasheet HTML 4Page - NXP Semiconductors PCF8536AT Datasheet HTML 5Page - NXP Semiconductors PCF8536AT Datasheet HTML 6Page - NXP Semiconductors PCF8536AT Datasheet HTML 7Page - NXP Semiconductors PCF8536AT Datasheet HTML 8Page - NXP Semiconductors PCF8536AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
5 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
7.
Functional description
7.1 Commands of PCA8576F
The commands available to the PCA8576F are defined in Table 5.
[1]
Not used.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 3.
When this bit is set logic 1, it indicates that the next byte of the transfer to arrive will also
represent a command. If this bit is set logic 0, it indicates that the command byte is the
last in the transfer. Further bytes will be regarded as display data (see Table 6).
Table 5.
Definition of PCA8576F commands
Command
Operation code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
-[1]
E
B
M[1:0]
Table 7
load-data-pointer
C
0
P[5:0]
Table 8
device-select
C
110
00A[1:0]
Table 9
bank-select
C
1
1
1
1
0
I
O
Table 10
blink-select
C
1
1
1
0
AB
BF[1:0]
Table 11
Fig 3.
Format of command byte
Table 6.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com