Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD231C3 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # CMD231C3
Description  2-6 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD231C3 Datasheet(HTML) 4 Page - Qorvo, Inc

  CMD231C3 Datasheet HTML 1Page - Qorvo, Inc CMD231C3 Datasheet HTML 2Page - Qorvo, Inc CMD231C3 Datasheet HTML 3Page - Qorvo, Inc CMD231C3 Datasheet HTML 4Page - Qorvo, Inc CMD231C3 Datasheet HTML 5Page - Qorvo, Inc CMD231C3 Datasheet HTML 6Page - Qorvo, Inc CMD231C3 Datasheet HTML 7Page - Qorvo, Inc CMD231C3 Datasheet HTML 8Page - Qorvo, Inc CMD231C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Gain vs. Temperature, Vdd = 8.0 V
Typical Performance
Gain vs. Supply Voltage, TA = 25
oC
ver 1.3 0919
CMD231C3
2-6 GHz Driver Amplifier
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency/GHz
+25C
+85C
-55C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency/GHz
Vdd=5V
Vdd=6V
Vdd=7V
Vdd=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com