Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAPM3506 Datasheet(PDF) 2 Page - Schneider Electric

Part # XAPM3506
Description  Harmony XAP, XB2 SL, Empty control station, zinc alloy, blue, 6 cut-outs, 횠22, 80 x 175 x 77 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XAPM3506 Datasheet(HTML) 2 Page - Schneider Electric

  XAPM3506 Datasheet HTML 1Page - Schneider Electric XAPM3506 Datasheet HTML 2Page - Schneider Electric XAPM3506 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering and shipping details
Category
22475 - WALL STATIONS
Discount Schedule
CS2
GTIN
3389110312966
Nbr. of units in pkg.
1
Package weight(Lbs)
2.84 lb(US) (1.29 kg)
Returnability
No
Country of origin
MA
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.35 in (8.5 cm)
Package 1 width
4.72 in (12 cm)
Package 1 Length
7.36 in (18.7 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
6
Package 2 Weight
17.54 lb(US) (7.958 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Package 3 Height
30.31 in (77 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP), which is
known to the State of California to cause birth defects or other reproductive harm. For more information
go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months
2
Feb 25, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com