Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB4302B2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FB4302B2
Description  HART Output Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FB4302B2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FB4302B2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FB4302B2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FB4302B2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HART Output Isolator
FB4302B2
< 1-channel
< Outputs with plug-in Ex e terminals
< Installation in suitable enclosures in Zone 1
< Module can be exchanged under voltage (hot swap)
< Analog output module for 0/4 mA ... 20 mA
< HART communication via field bus or service bus
< Simulation mode for service operations (forcing)
< Line fault detection (LFD)
< Output with watchdog
< Permanently self-monitoring
Function
The device drives positioners, proportional valves, I/P converters, or local indicators.
Open and short circuit line faults are detected.
The device is supplied with plug-in Ex e terminals and protective cover.
The output is galvanically isolated from the bus and the power supply.
Connection
5-
4-
6
2+
1
3+
Zone 1
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies FB92**
Power dissipation
0.8 W
Power consumption
0.95 W
Internal bus
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Analog output
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - FB4302B2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FB43-110-RC BOURNS-FB43-110-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB43-226-RC BOURNS-FB43-226-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB43-287-RC BOURNS-FB43-287-RC Datasheet
488Kb / 2P
Excellent EMI suppression
FB43-422-RC BOURNS-FB43-422-RC Datasheet
488Kb / 2P
Excellent EMI suppression
More results

Similar Description - FB4302B2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
FB4202B2 PF-FB4202B2 Datasheet
514Kb / 3P
HART Output Isolator
FB4202B3 PF-FB4202B3 Datasheet
729Kb / 3P
HART Output Isolator
FB4205B2 PF-FB4205B2 Datasheet
680Kb / 3P
HART Output Isolator
FB4205B3 PF-FB4205B3 Datasheet
812Kb / 3P
HART Output Isolator
FB4205C2 PF-FB4205C2 Datasheet
687Kb / 3P
HART Output Isolator with Shutdown Input
LB4002A2 PF-LB4002A2 Datasheet
529Kb / 3P
HART Output Isolator
2021-12-01
LB4005A2 PF-LB4005A2 Datasheet
652Kb / 3P
HART Output Isolator
2021-12-08
LB4102A2 PF-LB4102A2 Datasheet
517Kb / 3P
HART Output Isolator
2021-12-01
LB4105A2 PF-LB4105A2 Datasheet
653Kb / 3P
HART Output Isolator
2021-12-01
LB4106A PF-LB4106A Datasheet
596Kb / 3P
HART Output Isolator
2021-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com