Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5569 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5569
Description  DC / DC Converter Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5569 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5569 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5569 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA2016 / 2SC5569
No.6309-2/8
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Current
IC
(--)7
A
Collector Current (Pulse)
ICP
(--)10
A
Base Current
IB
(--)1.2
A
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(290)330
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(50)28
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)3.5A, IB=(--)175mA
(--230)160
(--390)240
mV
VCE(sat)2
IC=(--)2A, IB=(--)40mA
(--240)110
(--400)170
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)2A, IB=(--)40mA
(--)0.83
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100μA, RBE=0Ω
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(40)30
ns
Storage Time
tstg
(225)420
ns
Fall Time
tf
25
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2016-TD-E
PCP
1,000pcs./reel
Pb Free
2SC5569-TD-E
PCP
1,000pcs./reel
VR
RB
VCC=25V
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=20IB1= --20IB2=2.5A
For PNP, the polarity is reversed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com