Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2016 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2016
Description  DC / DC Converter Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2016 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2016 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 7Page - Sanyo Semicon Device 2SA2016 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SA2016 / 2SC5569
No.6309-3/8
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
7
6
5
4
3
2
1
0.4
0.8
1.2
1.6
2.0
0
0
IB=0mA
--7
--6
--5
--4
--3
--2
--1
0
0
--0.4
--0.8
--1.2
--1.6
--2.0
--10mA
--20mA
--30mA
--40mA
--50mA
--60mA
--70mA
--80mA
--90mA
--100mA
10mA
20mA
30mA
40mA
50mA
60mA
70mA
IB=0mA
IT00206
IT00207
2SC5569
2SA2016
hFE -- IC
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
8
7
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2SC5569
VCE=2V
2SA2016
VCE= --2V
--8
--7
--6
--5
--4
--3
--2
--1
0
0
--0.2
--0.4
--0.6
--0.8
--1.4
--1.0
--1.2
IT00208
IT00209
--1000
--100
2
3
5
7
2
3
5
7
2
3
5
7
--1.0
--10
--0.01
--0.1
23
5
7
2
3
5 7
2
3
5
7
--1.0
--10
Ta=75
°C
--25
°C
IT00212
2SA2016
IC / IB=20
1000
100
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.01
0.1
23
5
7
23
5 7
2
3
5
7
1.0
10
Ta=75
°C
--25°
C
IT00214
2SC5569
IC / IB=20
Ta=75°C
25°C
--25
°C
1000
100
7
5
3
2
7
5
3
2
10
--0.01
3
25
--10
--0.1
73
25
7
3
25
7
--1.0
2SA2016
VCE= --2V
IT00210
1000
100
7
5
3
2
7
5
3
2
10
0.01
3
25
10
0.1
73
25
7
3
25
7
1.0
Ta=75
°C
--25
°C
25
°C
2SC5569
VCE=2V
IT00211
25°
C
25°
C
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com