Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1683S Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SD1683S
Description  50V/4A Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1683S Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SD1683S Datasheet HTML 1Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 2Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 3Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 4Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 5Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 6Page - Sanyo Semicon Device 2SD1683S Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1143/2SD1683
No.2063-4/7
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
23
5
0.1
10
23
5
0.01
23
5 7
7
7
1.0
100
10
2
5
7
1000
7
5
3
2
3
ITR09055
2SB1
143
2SD1683
1.0
10
7
3
5
100
10
2
3
5
2
27
35
100
27
35
ITR09056
2SB1143 / 2SD1683
VCE=10V
2SB1
143
2SD1683
2SB1143 / 2SD1683
f=1MHz
1.0
0.1
10
5
7
3
2
5
7
3
5
7
3
2
2
1.0
10
25
7
3
3
100
25
7
3
57
ITR09061
0
12
10
8
4
6
2
1.5
0
20
40
60
100
120
160
140
80
ITR09062
No heat sink
2SB1143 / 2SD1683
5
7
7
3
2
2
5
3
--1.0
--10
23
5 7
77
--0.01
23
5
2
3
5
--0.1
--1.0
ITR09059
2SB1143
IC / IB=20
25
°C
75
°C
Ta= --25°C
5
7
7
3
2
2
5
3
1.0
0.1
10
23
5 7
77
0.01
23
5
2
3
5
0.1
1.0
ITR09060
25
°C
75
°C
Ta= --25°C
2SD1683
IC / IB=20
10ms 1ms
DC
operation
Tc=25
°C
DC
operation
Ta=25
°C
2SB1143 / 2SD1683
IC=4A
ICP=6A
2
5
7
3
2
5
7
3
2
5
3
--1000
--10
--100
23
5 7
77
--0.01
23
5
3
5
--0.1
2
--1.0
ITR09057
2SB1143
IC / IB=20
75°C
25°
C
Ta= -
-25°C
2
5
7
3
2
5
7
3
2
5
3
1000
10
100
23
5 7
77
0.01
23
5
3
5
0.1
2
1.0
ITR09058
25°C
Ta=75°C
--25°
C
2SD1642
IC / IB=20
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com