Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1593395 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1593395
Description  Contact insert - RC-06P1N220000
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1593395 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1593395 Datasheet HTML 1Page - PHOENIX CONTACT 1593395 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1593395
12/06/2018   Page 1 / 2
Contact insert - RC-06P1N220000 - 1593395
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Contact insert, number of positions: 6, type of contact: Pin, Solder-in connection
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356195959
Technical data
General
Insertion/withdrawal cycles mechanical
50
Direction of rotation of contact chamber numbering
Standard
Coding
N
Contact connection method
Solder-in connection
Type of contacts
Pin
Number of positions
6
Nominal current per power contact at 25°C
20 A
Material
Insulator material
PBT
Contact material
CuZn
Contact surface
Nickel-plated, gold coating
Specifications according to DIN EN 61984:2001
Nominal / operating voltage of power contacts
300 V
Rated surge voltage of power contacts
2.5 kV
Overvoltage category of power contacts
II
Degree of pollution of power contacts
3


Similar Part No. - 1593395

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
logo
Heyco.
1593 HEYCO-1593 Datasheet
116Kb / 1P
Original Strain Relief Bushings
logo
Hammond Manufacturing L...
1593 HAMMOND-1593 Datasheet
163Kb / 2P
ABS Plastic Hand Held/Instrument Enclosures
10/22/2019
1593 HAMMOND-1593 Datasheet
258Kb / 3P
ABS Plastic Hand Held/Instrument Enclosures
6/25/2018
logo
List of Unclassifed Man...
1593-1 ETC2-1593-1 Datasheet
439Kb / 1P
TURRET TERMINALS
More results

Similar Description - 1593395

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1597641 PHOENIX-1597641 Datasheet
59Kb / 3P
Contact insert - RC-12P1N8E0000
1597643 PHOENIX-1597643 Datasheet
67Kb / 3P
Contact insert - RC-12P1NA20000
1597867 PHOENIX-1597867 Datasheet
56Kb / 3P
Contact insert - RC-12P2N120000
1598292 PHOENIX-1598292 Datasheet
61Kb / 3P
Contact insert - RC-12P2N8D0000
1598466 PHOENIX-1598466 Datasheet
197Kb / 3P
Contact insert - RC-12S1N120000
1599614 PHOENIX-1599614 Datasheet
169Kb / 3P
Contact insert - RC-12S2N120000
1599367 PHOENIX-1599367 Datasheet
225Kb / 3P
Contact insert - RC-12S1NC20000
1601193 PHOENIX-1601193 Datasheet
64Kb / 3P
Contact insert - RC-17P1N120000
12/06/2018
1607001 PHOENIX-1607001 Datasheet
62Kb / 3P
Contact insert - RC-09P1N8L0000
12/06/2018
1618489 PHOENIX-1618489 Datasheet
45Kb / 1P
Contact insert - RC-06S1X8A0000
12/07/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com