Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4420 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC4420
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC4420 Datasheet HTML 9Page - Microchip Technology MIC4420 Datasheet HTML 10Page - Microchip Technology MIC4420 Datasheet HTML 11Page - Microchip Technology MIC4420 Datasheet HTML 12Page - Microchip Technology MIC4420 Datasheet HTML 13Page - Microchip Technology MIC4420 Datasheet HTML 14Page - Microchip Technology MIC4420 Datasheet HTML 15Page - Microchip Technology MIC4420 Datasheet HTML 16Page - Microchip Technology MIC4420 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
DS20006092B-page 13
MIC4420/9
As this energy is lost in the driver each time the load is
charged or discharged, for power dissipation
calculations the 1/2 is removed. This equation also
shows that it is good practice not to place more voltage
on the capacitor than is necessary, as dissipation
increases as the square of the voltage applied to the
capacitor. For a driver with a capacitive load:
EQUATION 4-3:
4.4.3
INDUCTIVE LOAD POWER
DISSIPATION
For inductive loads the situation is more complicated.
For the part of the cycle in which the driver is actively
forcing current into the inductor, the situation is the
same as it is in the resistive case:
EQUATION 4-4:
However, in this instance the RO required may be either
the on resistance of the driver when its output is in the
high state, or its on resistance when the driver is in the
low state, depending on how the inductor is connected,
and this is still only half the story. For the part of the
cycle when the inductor is forcing current through the
driver, dissipation is best described in Equation 4-5 in
which VD is the forward drop of the clamp diode in the
driver (generally around 0.7V).
EQUATION 4-5:
The two parts of the load dissipation must be summed
in to produce PL.
EQUATION 4-6:
4.4.4
QUIESCENT POWER DISSIPATION
Quiescent power dissipation (PQ, as described in the
Input Stage section) depends on whether the input is
high or low. A low input will result in a maximum current
drain (per driver) of ≤0.2 mA; a logic high will result in a
current drain of ≤2.0 mA. Quiescent power can
therefore be found from:
EQUATION 4-7:
4.4.5
TRANSITION POWER DISSIPATION
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for
a very brief interval, both the N- and P-channel
MOSFETs in the output totem-pole are ON
simultaneously, and a current is conducted through
them from +VS to ground. The transition power
dissipation is approximately:
EQUATION 4-8:
Total power dissipation (PD), then, as previously
described, is:
EQUATION 4-9:
PL f C
VS
2
=
Where:
f
= Operating frequency.
C
= Load capacitance.
VS
= Driver supply voltage.
PL1 I
2 R
O
D
=
PL2 I VD
1 D
–
=
PL PL1 PL2
+
=
PQ VS D IH
1 D
–
+
IL
=
Where:
IH
= Quiescent current with input high.
IL
= Quiescent current with input low.
D
= Duty cycle.
VS
= Power supply voltage.
PT 2 f
VS
A s
=
Where:
A•s = A time-current factor derived from the typical
characteristic curves.
PD PL PQ PT
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com