Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4420YMM Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4420YMM
Description  6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4420YMM Datasheet(HTML) 4 Page - Microchip Technology

  MIC4420YMM Datasheet HTML 1Page - Microchip Technology MIC4420YMM Datasheet HTML 2Page - Microchip Technology MIC4420YMM Datasheet HTML 3Page - Microchip Technology MIC4420YMM Datasheet HTML 4Page - Microchip Technology MIC4420YMM Datasheet HTML 5Page - Microchip Technology MIC4420YMM Datasheet HTML 6Page - Microchip Technology MIC4420YMM Datasheet HTML 7Page - Microchip Technology MIC4420YMM Datasheet HTML 8Page - Microchip Technology MIC4420YMM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC4420/9
DS20006092B-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries.
POWER SUPPLY
Power Supply Current
IS
—
0.45
1.5
mA
VIN = 3V
—
90
150
µA
VIN = 0V
Operating Input Voltage
VS
4.5
—
18
V
—
Note 1: Specification for packaged product only.
2: Switching times guaranteed by design.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = –40°C to +85°C with 4.5V ≤ VS ≤ 18V, unless otherwise specified. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
INPUT
Logic 1 Input Voltage
VIH
2.4
—
—
V
—
Logic 0 Input Voltage
VIL
—
—
0.8
V
—
Input Voltage Range
VIN
–5
—
VS + 0.3
V
—
Input Current
IIN
–10
—
10
µA
0V ≤ VIN ≤ VS
OUTPUT
Output High Voltage
VOH
VS –
0.025
—
—
V
See Figure 1-1
Output Low Voltage
VOL
—
—
0.025
V
See Figure 1-1
Output Resistance, Output
Low
ROL
—
3
5
Ω
IOUT = 10 mA, VS = 18V
Output Resistance, Output
High
ROH
—
2.3
5
Ω
IOUT = 10 mA, VS = 18V
SWITCHING TIME (Note 2)
Rise Time
tR
—
32
60
ns
Figure 1-1, CL = 2500 pF
Fall Time
tF
—
34
60
ns
Figure 1-1, CL = 2500 pF
Delay Time 1
tD1
—
50
100
ns
Figure 1-1
Delay Time 2
tD2
—
65
100
ns
Figure 1-1
POWER SUPPLY
Power Supply Current
IS
—
0.45
3.0
mA
VIN = 3V
—
0.06
0.4
µA
VIN = 0V
Operating Input Voltage
VS
4.5
—
18
V
—
Note 1: Specification for packaged product only.
2: Switching times guaranteed by design.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TA = +25°C with 4.5V ≤ VS ≤ 18V, unless otherwise specified. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com