Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY75602A Datasheet(PDF) 21 Page - Microchip Technology

Part # SY75602A
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75602A Datasheet(HTML) 21 Page - Microchip Technology

Back Button SY75602A Datasheet HTML 17Page - Microchip Technology SY75602A Datasheet HTML 18Page - Microchip Technology SY75602A Datasheet HTML 19Page - Microchip Technology SY75602A Datasheet HTML 20Page - Microchip Technology SY75602A Datasheet HTML 21Page - Microchip Technology SY75602A Datasheet HTML 22Page - Microchip Technology SY75602A Datasheet HTML 23Page - Microchip Technology SY75602A Datasheet HTML 24Page - Microchip Technology SY75602A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 21
SY75602A/02B/603A/03B/604A/04B
APPENDIX A: REVISION HISTORY
Revision A (September 2021)
• Initial release of SY75602A/02B/603A/03B/604A/
04B as Microchip data sheet DS20006508A.
Revision B (October 2021)
• Updated various values in the Electrical Charac-
teristics, Output Electrical Characteristics, and Jit-
ter and Phase Noise tables.
• Updated Note 12 in the Output Electrical Charac-
teristics table.
• Updated Input Reference description in Table 3-1
and Table 3-2.
• Updated Control Inputs description in Table 3-2.
• Added paragraph immediately after Figure 4-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com