Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB14N-600-T-R Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # VB14N-600-T-R
Description  Barcode scanner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VB14N-600-T-R Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  VB14N-600-T-R Datasheet HTML 1Page - Pepperl+Fuchs Inc. VB14N-600-T-R Datasheet HTML 2Page - Pepperl+Fuchs Inc. VB14N-600-T-R Datasheet HTML 3Page - Pepperl+Fuchs Inc. VB14N-600-T-R Datasheet HTML 4Page - Pepperl+Fuchs Inc. VB14N-600-T-R Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Connection
25-pin D-sub connector pinout
Pin
Name
Function
9, 13
+UB
Power supply input voltage +
25
GND
Power supply input voltage -
1
GND Chassis
Cable shield connected to chassis
18
IN TRG + (A)
External Trigger A +
19
IN TRG - (B)
External Trigger B -
6
IN 2 + (A)
Input 2 A +
10
IN 2 - (B)
Input 2 B -
8
OUT 1 +
Output 1 +
22
OUT 1 -
Output 1 -
11
OUT 2 +
Output 2 +
12
OUT 2 -
Output 2 -
20
RX RS232
Auxiliary RS232
21
TX RS232
Auxiliary RS232
23
ID +
High speed internal network ID-NET +
24
ID -
High speed internal network ID-NET -
14, 15, 16, 17
NC
Not connected
Pin
RS232
RS485
RS485
full-duplex
half-duplex
2
TX
TX +
RTX +
3
Main
RX
RX +
4
interface
RTS
TX -
RTX -
5
signals
CTS
RX -
7
SGND
SGND
SGND
1
13
14
25
Characteristic Curve
Š 0,50mm
(20 mils)
0,35mm
(14 mils)
VB14N-600
250
200
150
100
50
0
50
100
150
200
250
0
50 100 150 200 250 300 350 400 450 500 550 600
Reading characteristics
Read field width in mm
Read range in mm
Accessories
CBX100
Connector box for barcode scanner
Barcode scanner
VB14N-600-T-R
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com