Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBM-CTR-K20-R2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # VBM-CTR-K20-R2
Description  AS-Interface master
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VBM-CTR-K20-R2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  VBM-CTR-K20-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VBM-CTR-K20-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VBM-CTR-K20-R2
AS-Interface master
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
2
Function
The VBM-CTR-K20-R2 is a stand-alone mas-
ter in AS-Interface specification 3.0 with IP20.
The construction type is especially suited for
use in a switch cabinet.
Address allocation, acceptance of the target
configuration and setting the baud rate can be
managed via buttons. There are 7 LEDs on
the front panel, showing the current status of
the AS-Interface line.
In the AS-Interface master with graphical dis-
play the commissioning of the AS-Interface
circuit and the test of the connected periphery
devices can be separated completely overri-
ding bus systems and from programming.
The on-site operation via the graphic display
and the four push buttons make it possible to
show all of the functions on the display,
which, for all other AS-Interface masters, are
covered by the software AS-Interface control
tools.
PLC Functionality
For PLC functionality the VBM-CTR-K20-R2
provides 16 kB program memory, 8 kB data
memory, 1024 counters and 1024 timers.
This is sufficient capacity to process all data
arriving at the AS-Interface. The master can,
therefore, also be operated as "stand-alone".
The programm processing for 1000 word
commands is approx. 2 ms. The program-
ming language is based on STEP5. In the
extended mode the AS-Interface CTRL func-
tions (upload, download, start, stop, read and
write marker) can be utilized.
Accessories
VAZ-SW-ACT32
Full version of the AS-I Control Tools in-
cluding connection cable
USB-0,8M-PVC ABG-SUBD9
Interface converter USB/RS 232
Matching system components
VBG-RIO-KHD2-R2
Bus Coupler for Allen Bradley Remote I/O
Technical data
General specifications
AS-Interface specification
V3.0
PLC-Functionality
integrated
Earth fault detection
EFD integrated
EMC monitoring
integrated
Diagnostics function
Extended function via display
UL File Number
E223772 only from low voltage, limited energy source (SELV or
PELV) or listed Class 2 source
Functional safety related parameters
MTTFd
180 a at 30 °C
Indicators/operating means
Display
Illuminated graphical LC display for addressing and error mes-
sages
LED RS 232
interface in operation; LED green
LED AS-i ACTIVE
AS-Interface operation normal; LED green
LED CONFIG ERR
configuration error; LED red
LED PRG ENABLE
autom. programming; LED green
LED POWER
voltage ON; LED green
LED PRJ MODE
projecting mode active; LED yellow
LED U AS-i
AS-Interface voltage; LED green
Switch SET
Selection and setting of a slave address
OK button
Mode selection traditional-graphical/confirmation
Button MODE
Mode selection PRJ-operation/save configuration/cursor
ESC button
Mode selection traditional-graphical/cancel
Electrical specifications
Insulation voltage
Ui
≥ 500 V
Rated operating voltage
Ue
from AS-Interface
Rated operating current
Ie
≤ 150 mA
Interface
Interface type
RS 232
Transfer rate
1200, 2400, 4800, 9600, 19200, 28800, 38400, 57600 or 11500
Bit/s , Automatic baud rate detection
Cable length
max. 30 m
Connection
AS-Interface
spring terminals, removable
Serial interfaces
9-pin Sub-D socket
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 62026-2:2013
Standard conformity
Electromagnetic compatibility
EN 61326
Degree of protection
EN 60529:2000
AS-Interface
EN 62026-2:2013
Ambient conditions
Ambient temperature
0 ... 55 °C (32 ... 131 °F)
Storage temperature
-15 ... 75 °C (5 ... 167 °F)
Mechanical specifications
Degree of protection
IP20
Mass
460 g
Construction type
Low profile housing , Stainless steel
Approvals and certificates
UL approval
An isolated source with a secondary open circuit voltage of ≤
30 VDC with a 3 A maximum over current protection. Over cur-
rent protection is not required when a Class 2 source is emplo-
yed.
UL mark does not provide UL certification for any functional
safety rating or aspects of the device.
Notes
In an AS-Interface network only one device can be operated earth fault detection. If there are
many devices in an AS-Interface network, this can lead to the earth fault monitoring response
threshold becoming less sensitive.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com