Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3B-LS510 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # WCS3B-LS510
Description  Read head
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3B-LS510 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  WCS3B-LS510 Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3B-LS510 Datasheet HTML 2Page - Pepperl+Fuchs Inc. WCS3B-LS510 Datasheet HTML 3Page - Pepperl+Fuchs Inc. WCS3B-LS510 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Approvals and certificates
CSA approval
cCSAus Certified, General Purpose
Class 2 power source
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Operating temperature
0 ... 60 °C (32 ... 140 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
90 % , noncondensing
Mechanical specifications
Connection type
8-pin, M12 x 1 connector socket, Y-coded
Cable gland
Max. tightening torque of the cap nut: ≤ 0.4 Nm
Degree of protection
IP54
Material
Housing
ABS , PC (Polycarbonate)
Mass
500 g
General information
Ordering information
Mounting plate included with delivery
Connection
1
2
3
4
1
3
4
5
2
6
7
8
5
6
7
8
TX +
TX -
RX +
RX -
-UB
n.c.
+UB
n.c.
Interface
Accessories
WCS3B-PL2
Transparent protective case and seal for WCS3B reader
V19SY-G-BK2M-PUR-
ABG
Male single-ended cordset, M12, 8-pin, Y encryption, PUR cable, shielded
V19SY-G-BK5M-PUR-
ABG
Male single-ended cordset, M12, 8-pin, Y encryption, PUR cable, shielded
WCS-MP1
Mounting plate for reading heads WCS2 and WCS3
V19SY-G-BK10M-PUR-
ABG
Male single-ended cordset, M12, 8-pin, Y encryption, PUR cable, shielded
Read head
WCS3B-LS510
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com