Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS3B-LS610DH Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # WCS3B-LS610DH
Description  Read head
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

WCS3B-LS610DH Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  WCS3B-LS610DH Datasheet HTML 1Page - Pepperl+Fuchs Inc. WCS3B-LS610DH Datasheet HTML 2Page - Pepperl+Fuchs Inc. WCS3B-LS610DH Datasheet HTML 3Page - Pepperl+Fuchs Inc. WCS3B-LS610DH Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions
12.5
40
40
105
3
6
9.5
ø 4.5
3
6
9.5
ø 8
Technical Data
General specifications
Passage speed
v
≤ 12.5 m/s
Measuring range
max. 314.5 m
Free tolerances to code rail
horizontal: 31 mm ( ± 15.5 mm )
vertical: 28 mm ( ± 14 mm )
Resolution
± 0.4 mm (1,250 positions/m)
Functional safety related parameters
MTTFd
57 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Display
Display module, 6-digit , adaptable to installation position
LED green
PROFINET link
To: PROFINET connection OK
LED yellow
PROFINET RX/TX
Flashing: data transfer
LED red
PROFINET communication
To: communication error
LED red/green
Status indication
Green: code rail detected, normal function
Red: system error
Flashing red: no code rail detected
Electrical specifications
Operating voltage
UB
10 ... 30 V DC
Power consumption
P0
15 W
Interface
Interface type
100 BASE-TX
Data output code
binary code
Protocol
PROFINET IO Real-Time (RT) Conformance class B
Transfer rate
100 MBit/s
Standard conformity
Emitted interference
EN 61000-6-4:2007+A1:2011
Read head
WCS3B-LS610DH
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com