Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD2-150-3P0-R Datasheet(PDF) 2 Page - Littelfuse

Part # SPD2-150-3P0-R
Description  Surge Protection Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPD2-150-3P0-R Datasheet(HTML) 2 Page - Littelfuse

  SPD2-150-3P0-R Datasheet HTML 1Page - Littelfuse SPD2-150-3P0-R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com/spd
© 2019 Littelfuse, Inc.
Rev: 1-A-061719
2 of 2
Surge Protection Devices
SPD2 3P+0 SERIES
Module & Base Part Numbering System
Module Only Part Numbering System
SPD2 VVV M
Module Only
Series
Maximum Continuous
Operating AC Voltage
SPD2 VVV XPZ R
Optional Remote
Contact
Series
Neutral
Number of Poles
Maximum Continuous
Operating AC Voltage
(1=yes or 0=no)
Replacement Module Ordering Information
Ordering Number
IEC Electrical
UL Electrical
Single Unit
Weight
SPD2-150-M
120 V
150 V
20 kA
50 kA
1250 V
25 kA / 50 kA
229 V
229 V / Withstand
150 V
600 V
20 kA
200 kA
54 g (0.120 lb)
SPD2-300-M
240 V
300 V
20 kA
50 kA
1500 V
25 kA / 50 kA
337 V
442 V / Safe Fail
300 V
900 V
20 kA
150 kA
61 g (0.135 lb)
SPD2-350-M
277 V
350 V
20 kA
50 kA
1750 V
25 kA / 50 kA
403 V
529 V / Safe Fail
350 V
1000 V
20 kA
200 kA
66 g (0.146 lb)
SPD2-480-M
400 V
480 V
20 kA
50 kA
2300 V
25 kA / 50 kA
581 V
762 V / Safe Fail
480 V
1500 V
20 kA
200 kA
71 g (0.157 lb)
SPD2-550-M*
480 V
550 V
20 kA
50 kA
2500 V
25 kA / 50 kA
697 V
915 V / Safe Fail
550 V
2000 V
20 kA
200 kA
74 g (0.163 lb)
SPD2-750-M
600 V
750 V
20 kA
35 kA
3400 V
25 kA / 50 kA
871 V
1143 V / Safe Fail
750 V
2500 V
20 kA
200 kA
87 g (0.192 lb)
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Housing Material
Thermoplastic: Extinguishing Degree
UL 94 V-0
Thermal Protection
Yes
Operating State/Fault
Indication
Green Flag/No Green Flag
Remote Contact Switching
Capacity
AC: 250 V/1 A, 125 V/1 A;
DC: 48 V/0.5 A, 24 V/0.5 A, 12 V/0.5 A
Remote Contact Conductor
Cross Section (max)
1.5 mm2 (16 AWG) (Solid)
Standards Passed*
IEC 61643-11:2011
EN 61643-11:2012
UL 1449, 4th edition; E320116
Product Dimensions
3TE Module and Base
H 90.0 mm (3.54”); W 54.0 mm (2.13”);
D 70.0 mm (2.76”)
1TE Replacement Module
H 45.0 mm (1.77”); W 18.0 mm (0.71”);
D 57.2mm (2.25”)
Package Dimensions
3TE Module and Base
H 102.0 mm (4.01”); W 64.0 mm (2.52”);
D 110.0 mm (4.33”)
1TE Replacement Module
H 102.0 mm (4.01”); W 28.0 mm (1.10”);
D 110.0 mm (4.33”)
Specifications
Network Systems
IT, TT, TN-S
Mode of Protection
L-N, N-PE
Nominal Discharge Current
(8/20 µs) (I
n)
20 kA
Maximum Discharge Current
(8/20 µs) (I
max)
Up to 50 kA
Protective Elements
High Energy MOV
Response Time
(L-N / N-PE t
A)
< 25 ns
Back-Up Fuse (max)
315 A / 250 A Gg
Number of Ports
1
Mechanical & Environmental
Operating Temperature
Range (T
a)
-40 °C to +80 °C (-40 °F to +185 °F)
Permissible Operating
Humidity (RH)
5% to 95%
Altitude (max)
4,000 m (13,123 ft)
Terminal Screw Torque) (M
max)
4.5 Nm (39.9 lbf-in)
Conductor Cross Section (max) 35 mm² (2 AWG) (Solid, Stranded)/
25 mm2 (4 AWG) (Flexible)
Mounting
35 mm DIN Rail, EN60715
Degree of Protection
IP20 (built-in)
*SPD2-550-3P0-R and SPD2-550-M are UL Listed only
Warranty – Visit www.littelfuse.com/warranty for details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com