Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPNH080 Datasheet(PDF) 8 Page - Littelfuse

Part # SPNH080
Description  POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPNH080 Datasheet(HTML) 8 Page - Littelfuse

Back Button SPNH080 Datasheet HTML 3Page - Littelfuse SPNH080 Datasheet HTML 4Page - Littelfuse SPNH080 Datasheet HTML 5Page - Littelfuse SPNH080 Datasheet HTML 6Page - Littelfuse SPNH080 Datasheet HTML 7Page - Littelfuse SPNH080 Datasheet HTML 8Page - Littelfuse SPNH080 Datasheet HTML 9Page - Littelfuse SPNH080 Datasheet HTML 10Page - Littelfuse SPNH080 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Littelfuse.com/spnh
© 2021 Littelfuse, Inc.
Rev: 2-B-083021
8 of 11
POWR-GARD® Fuse Datasheet
SPNH SERIES SOLAR FUSE
CATALOG
NUMBER
UPC
MICROSWITCH
COMPATIBLE
CATALOG
NUMBER
MICROSWITCH
COMPATIBLE
ORDERING NUMBER
AGENCY
APPROVALS
UL
SOLID
BLADE
1XL
50 A
050
SPNH050
SPNH050.X
07945804294
SPNH050
SPNH050.X
07945804294
•
63 A
063
SPNH063
SPNH063.X
07945804295
SPNH063
SPNH063.X
07945804295
•
80 A
080
SPNH080
SPNH080.X
07945804319
SPNH080
SPNH080.X
07945804319
•
100 A
100
SPNH100
SPNH100.X
07945804359
SPNH100
SPNH100.X
07945804359
•
125 A
125
SPNH125
SPNH125.X
07945804433
SPNH125
SPNH125.X
07945804433
•
160 A
160
SPNH160
SPNH160.X
07945804443
SPNH160
SPNH160.X
07945804443
•
200 A
200
SPNH200
SPNH200.X
07945804552
SPNH200
SPNH200.X
07945804552
•
2XL
200 A
200
SPNH200-2XL
SPNH200.X2XL
07945819771
SPNH200-2XL
SPNH200.X2XL
07945819771
•
250 A
250
SPNH250-2XL
SPNH250.X2XL
07945819772
SPNH250-2XL
SPNH250.X2XL
07945819772
•
3L
315 A
315
SPNH315-3L
SPNH315.X3L
07945821115
SPNH315-3L
SPNH315.X3L
07945821115
•
350 A
350
SPNH350-3L
SPNH350.X3L
07945821116
SPNH350-3L
SPNH350.X3L
07945821116
•
400 A
400
SPNH400-3L
SPNH400.X3L
07945821117
SPNH400-3L
SPNH400.X3L
07945821117
•
DL
BLADE
(S)
1XL
50 A
050
SPNH050-DL
SPNH050.XXDL
07945819843
SPNH050-DLMS
SPNH050.XXDLMS
07945823539
•
63 A
063
SPNH063-DL
SPNH063.XXDL
07945819844
SPNH063-DLMS
SPNH063.XXDLMS
07945823539
•
80 A
080
SPNH080-DL
SPNH080.XXDL
07945819845
SPNH080-DLMS
SPNH080.XXDLMS
07945823543
•
100 A
100
SPNH100-DL
SPNH100.XXDL
07945819846
SPNH0100-DLMS
SPNH0100.XXDLMS
07945823545
•
125 A
125
SPNH125-DL
SPNH125.XXDL
07945819847
SPNH0125-DLMS
SPNH0125.XXDLMS
07945823547
•
160 A
160
SPNH160-DL
SPNH160.XXDL
07945819848
SPNH0160-DLMS
SPNH0160.XXDLMS
07945823549
•
200 A
200
SPNH200-DL
SPNH200.XXDL
07945819849
SPNH0200-DLMS
SPNH0200.XXDLMS
07945823553
•
2XL
200 A
200
SPNH200-2XLDL
SPNH200.X2XLDL
07945819850
SPNH0200-2XLDLMS
SPNH0200.X2XLDLMS
07945823551
•
250 A
250
SPNH250-2XLDL
SPNH250.X2XLDL
07945819851
SPNH0250-2XLDLMS
SPNH0250.X2XLDLMS
07945823555
•
3L
315 A
315
SPNH315-3LDL
SPNH315.X3LDL
07945821118
SPNH0315-3LDLMS
SPNH0315.X3LDLMS
07945823557
•
350 A
350
SPNH350-3LDL
SPNH350.X3LDL
07945821119
SPNH0350-3LDLMS
SPNH0350.X3LDLMS
07945823559
•
400 A
400
SPNH400-3LDL
SPNH400.X3LDL
07945821120
SPNH0400-3LDLMS
SPNH0400.X3LDLMS
07945823561
•
DE
BLADE
(U)
1XL
50 A
050
SPNH050-DE
SPNH050.XXDE
07945819852
SPNH050-DEMS
SPNH050.XXDEMS
07945823538
•
63 A
063
SPNH063-DE
SPNH063.XXDE
07945819853
SPNH063-DEMS
SPNH063.XXDEMS
07945823540
•
80 A
080
SPNH080-DE
SPNH080.XXDE
07945819854
SPNH080-DEMS
SPNH080.XXDEMS
07945823542
•
100 A
100
SPNH100-DE
SPNH100.XXDE
07945819855
SPNH0100-DEMS
SPNH0100.XXDEMS
07945823544
•
125 A
125
SPNH125-DE
SPNH125.XXDE
07945819856
SPNH0125-DEMS
SPNH0125.XXDEMS
07945823546
•
160 A
160
SPNH160-DE
SPNH160.XXDE
07945819857
SPNH0160-DEMS
SPNH0160.XXDEMS
07945823548
•
200 A
200
SPNH200-DE
SPNH200.XXDE
07945819858
SPNH0200-DEMS
SPNH0200.XXDEMS
07945823552
•
2XL
200 A
200
SPNH200-2XLDE
SPNH200.X2XLDE
07945819859
SPNH0200-2XLDEMS
SPNH0200.X2XLDEMS
07945823550
•
250 A
250
SPNH250-2XLDE
SPNH250.X2XLDE
07945819860
SPNH0250-2XLDEMS
SPNH0250.X2XLDEMS
07945823554
•
3L
315 A
315
SPNH315-3LDE
SPNH315.X3LDE
07945821121
SPNH0315-3LDEMS
SPNH0315.X3LDEMS
07945823556
•
350 A
350
SPNH350-3LDE
SPNH350.X3LDE
07945821122
SPNH0350-3LDEMS
SPNH0350.X3LDEMS
07945823558
•
400 A
400
SPNH400-3LDE
SPNH400.X3LDE
07945821123
SPNH0400-3LDEMS
SPNH0400.X3LDEMS
07945823560
•
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com