Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD314 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # CMD314
Description  DC-10 GHz Distributed Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD314 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button CMD314_V01 Datasheet HTML 4Page - Qorvo, Inc CMD314_V01 Datasheet HTML 5Page - Qorvo, Inc CMD314_V01 Datasheet HTML 6Page - Qorvo, Inc CMD314_V01 Datasheet HTML 7Page - Qorvo, Inc CMD314_V01 Datasheet HTML 8Page - Qorvo, Inc CMD314_V01 Datasheet HTML 9Page - Qorvo, Inc CMD314_V01 Datasheet HTML 10Page - Qorvo, Inc CMD314_V01 Datasheet HTML 11Page - Qorvo, Inc CMD314_V01 Datasheet HTML 12Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CMD314
DC-10 GHz Distributed Driver Amplifier
Data Sheet | July 29, 2021 | Subject to change without notice
10 of 12
www.qorvo.com
®
Applications Information
Assembly Guidelines
The backside of the CMD314 is RF ground. Die attach may be accomplished with either electrically and thermally
conductive epoxy or eutectic attach. Standard assembly procedures should be followed for high frequency devices. The
top surface of the semiconductor should be made planar to the adjacent RF transmission lines, and the RF decoupling
capacitors placed in close proximity to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use of a 0.8 mil
thermosonic wedge bonding is highly recommended as the loop height will be minimized. The RF input and output require
a single bond wire as shown.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet. Do not make
contact directly with the die surface as this will damage the monolithic circuitry. Handle with care.
Assembly Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be
observed during handling, assembly and test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com