Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA2225DEVBA Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 3Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 4Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 5Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 6Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 7Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 8Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 9Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 10Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. B, May 2021 | Subject to change without notice
7 of 23
www.qorvo.com
®
Performance Plots – Large Signal (CW)
Test conditions, unless otherwise noted: CW, VD = 20 V, IDQ = 64 mA, PIN = +13dBm, TBASE = +25 ºC
10
12
14
16
18
20
22
24
26
28
30
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
28 GHz
30 GHz
32 GHz
34 GHz
36 GHz
38 GHz
0
2
4
6
8
10
12
14
16
18
20
22
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
PAE vs. Input Power vs. Freq.
28 GHz
30 GHz
32 GHz
34 GHz
36 GHz
38 GHz
10
12
14
16
18
20
22
24
26
28
30
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
35 GHz
0
2
4
6
8
10
12
14
16
18
20
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
PAE vs. Input Power vs. Temp.
-40 C
+25 C
+85 C
35 GHz
10
12
14
16
18
20
22
24
26
28
30
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
Output Power vs. Input Power vs. V
D
12 V
14 V
16 V
18 V
20 V
22 V
24 V
26 V
28 V
35 GHz
0
2
4
6
8
10
12
14
16
18
20
-8
-6
-4
-2
0
2
4
6
8
10
12
14
Input Power (dBm)
PAE vs. Input Power vs. V
D
12 V
14 V
16 V
18 V
20 V
22 V
24 V
26 V
28 V
35 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com