Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-115-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP322ACPZ-115-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-115-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP322ACPZ-115-R7 Datasheet HTML 7Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 8Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 9Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 10Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 11Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 12Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 13Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 14Page - Analog Devices ADP322ACPZ-115-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 11 of 24
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
3.6
3.8
4.2
4.4
4.8
5.5
Figure 23. Shutdown Current vs. Temperature at Various Input Voltages,
VRIPPLE = 50 mV, COUT = 1 µF
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD (mA)
Figure 24. Dropout Voltage vs. Load Current and Output Voltage,
VOUT1 = 3.3 V, VRIPPLE = 50 mV, COUT = 1 µF
2.95
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 25. Output Voltage vs. Input Voltage (in Dropout),
VOUT1 = 3.3 V, VRIPPLE = 50 mV, COUT = 1 µF
0
50
100
150
200
250
300
350
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 26. Ground Current vs. Input Voltage (in Dropout), VOUT1 = 3.3 V,
VRIPPLE = 50 mV, COUT = 1 µF
0
50
100
150
200
250
300
1
10
100
1000
LOAD (mA)
Figure 27. Dropout Voltage vs. Load Current and Output Voltage,
VOUT2 = 1.8 V, VRIPPLE = 50 mV, COUT = 1 µF
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.70
1.80
1.90
2.00
2.10
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 28. Output Voltage vs. Input Voltage (in Dropout),
VOUT2 = 1.8 V, VRIPPLE = 50 mV, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com