Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-145-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP322ACPZ-145-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-145-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP322ACPZ-145-R7 Datasheet HTML 6Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 7Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 8Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 9Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 10Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 11Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 12Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 13Page - Analog Devices ADP322ACPZ-145-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP322/ADP323
Data Sheet
Rev. E | Page 10 of 24
0
50
100
150
200
250
300
350
–40
–5
25
85
125
TJ (°C)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 17. Ground Current vs. Junction Temperature,
All Outputs Loaded Equally, VRIPPLE = 50 mV, COUT = 1 µF
0
50
100
150
200
250
300
1
10
100
1000
TOTAL LOAD CURRENT (mA)
Figure 18. Ground Current vs. Load Current, All Outputs Loaded Equally,
VRIPPLE = 50 mV, COUT = 1 µF
0
50
100
150
200
250
300
1.7
2.1
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 19. Ground Current vs. Input Voltage, All Outputs Loaded Equally,
VRIPPLE = 50 mV, COUT = 1 µF
–40
–5
25
85
125
TJ (°C)
0
20
40
60
80
100
120
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 20. Bias Current vs. Junction Temperature, Single Output Loaded,
VRIPPLE = 50 mV, COUT = 1 µF
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
ILOAD (mA)
Figure 21. Bias Current vs. Load Current, Single Output Loaded,
VRIPPLE = 50 mV, COUT = 1 µF
64
66
68
70
72
74
76
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
VIN (V)
LOAD = 1mA
LOAD = 5mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
Figure 22. Bias Current vs. Input Voltage, Single Output Loaded,
VRIPPLE = 50 mV, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com