Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1764ACPZ0.85-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1764ACPZ0.85-R7
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ0.85-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1764ACPZ0.85-R7 Datasheet HTML 3Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 4Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 5Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 6Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 7Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 8Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 9Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 10Page - Analog Devices ADP1764ACPZ0.85-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP1764
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VOUT + 0.2 V or VIN = 1.1 V, whichever is greater, VOUT = 1.3 V, IOUT = 100 mA, TA = 25°C, unless otherwise noted.
1.312
1.292
–40
–20
140
TEMPERATURE (°C)
1.294
1.296
1.298
1.300
1.302
1.304
1.306
1.308
1.310
0
20406080
100
120
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
Figure 4. Output Voltage (VOUT) vs. Temperature, VOUT = 1.3 V
0.1
1
10
LOAD CURRENT (A)
1.304
1.296
1.297
1.298
1.299
1.300
1.301
1.302
1.303
Figure 5. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 1.3 V
1.305
1.297
1.50
1.98
VIN (V)
1.298
1.299
1.300
1.301
1.302
1.303
1.304
1.58
1.66
1.74
1.82
1.90
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
Figure 6. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = 1.3 V
24
22
20
18
16
14
12
10
8
6
4
2
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
Figure 7. Ground Current (IGND) vs. Temperature, VOUT = 1.3 V
0.1
1
10
LOAD CURRENT (A)
24
22
20
18
16
14
12
10
8
6
4
2
0
Figure 8. Ground Current (IGND) vs. Load Current (ILOAD), VOUT = 1.3 V
1.5
1.6
1.7
1.8
1.9
2.0
VIN (V)
24
22
20
18
16
14
12
10
8
6
4
2
0
ILOAD = 0.1A
ILOAD = 1.0A
ILOAD = 2.0A
ILOAD = 3.0A
ILOAD = 4.0A
Figure 9. Ground Current (IGND) vs. Input Voltage (VIN), VOUT = 1.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com