Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP322ACPZ-165-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP322ACPZ-165-R7
Description  Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP322ACPZ-165-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP322ACPZ-165-R7 Datasheet HTML 9Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 10Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 11Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 12Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 13Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 14Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 15Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 16Page - Analog Devices ADP322ACPZ-165-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP322/ADP323
Rev. E | Page 13 of 24
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10mA
100mA
200mA
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
Figure 35. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.5 V,
VIN = 2.0 V, VRIPPLE = 50 mV, COUT = 1 µF
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10mA
100mA
200mA
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
Figure 36. Power Supply Rejection Ratio vs. Frequency, VOUT = 1.2 V,
VIN = 2.2 V, VRIPPLE = 50 mV, COUT = 1 µF
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
1.8V/200mA
1.8V/100mA
1.8V/10mA
1.2V/200mA
1.2V/100mA
1.2V/10mA
10
100
1k
10k
100k
1M
10M
1V HEADROOM
1.8V PSRR
1.2 XTALK
Figure 37. Power Supply Rejection Ratio vs. Frequency,
Channel to Channel Crosstalk, VRIPPLE = 50 mV, COUT = 1 µF
1
10
100
10k
1k
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
1.5V
1.8V
2.5V
3.3V
Figure 38. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA,
VRIPPLE = 50 mV, COUT = 1 µF
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
LOAD CURRENT (mA)
1.5V
1.8V
2.5V
3.3V
Figure 39. 10 Hz to 100 kHz Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, VRIPPLE = 50 mV, COUT = 1 µF
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
LOAD CURRENT (mA)
1.5V
1.8V
2.5V
3.3V
Figure 40. 100 Hz to 100 kHz Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, VRIPPLE = 50 mV, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com