Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1764ACPZ-1.2-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1764ACPZ-1.2-R7
Description  4 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1764ACPZ-1.2-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP1764ACPZ-1.2-R7 Datasheet HTML 1Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 2Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 3Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 4Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 5Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP1764ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP1764
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Typical Application Circuits............................................................ 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Input and Output Capacitor: Recommended Specifications.. 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Data ................................................................................ 5
 
Thermal Resistance/Parameter................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ...................................................................... 13
 
Soft Start Function ..................................................................... 13
 
Adjustable Output Voltage ........................................................ 14
 
Enable Feature ............................................................................ 14
 
Power-Good (PG) Feature ........................................................ 14
 
Applications Information .............................................................. 15
 
Capacitor Selection .................................................................... 15
 
Undervoltage Lockout ............................................................... 16
 
Current-Limit and Thermal Overload Protection................. 16
 
Paralleling ADP1764 Devices for High Current
Applications ................................................................................ 16
 
Thermal Considerations............................................................ 17
 
PCB Layout Considerations...................................................... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
6/2017—Rev. 0 to Rev. A
Changes to Thermal Data and Table 5........................................... 5
Changed Thermal Resistance Section to Thermal
Resistance/Parameter Section......................................................... 5
Changes to Typical Performance Characteristics
Section........... 7
Changes to Table 7, Figure 50 through Figure 52, and Figure 50
Caption through Figure 52 Caption............................................. 17
Changes to Figure 53 though Figure 55 and Figure 53 Caption
through Figure 55 Caption............................................................ 18
1/2017—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com