Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX574ASQ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX574ASQ
Description  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX574ASQ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX574ASQ Datasheet HTML 1Page - Maxim Integrated Products MX574ASQ Datasheet HTML 2Page - Maxim Integrated Products MX574ASQ Datasheet HTML 3Page - Maxim Integrated Products MX574ASQ Datasheet HTML 4Page - Maxim Integrated Products MX574ASQ Datasheet HTML 5Page - Maxim Integrated Products MX574ASQ Datasheet HTML 6Page - Maxim Integrated Products MX574ASQ Datasheet HTML 7Page - Maxim Integrated Products MX574ASQ Datasheet HTML 8Page - Maxim Integrated Products MX574ASQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
(VL = + 5V, VEE = +15V or +12V, VEE = -15V or -12V, TA = +25°C, unless otherwise noted.)
(VL = +5V, VEE = +15V or +12V, VEE = -15V or -12V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
RES
12
Bits
Integral Nonlinearity
INL
T
A = +25°C
MX574AK/L/T/U,
MX674AK/L/T/U
±1/2
LSB
MX574AJ/S, MX674AJ/S
±1
T
A = TMIN to
T
MAX
MX574AK/L/KE/LE
±1/2
MX674AK/L/KE/LE
±1/2
MX574AT/U, MX674AT/U
±3/4
MX574AJ/S, MX674AJ/S
±1
Differential Nonlinearity
DNL
12 bits, no missing codes over temperature
±1
LSB
Unipolar Offset Error (Note 1)
MX574AK/L/T/U, MX674AK/L/T/U
±1
LSB
MX574AJ/S, MX674AJ/S
±2
Bipolar Offset Error (Notes 2, 3)
MX574AL/U, MX674AL/U
±3
LSB
MX574AJ/K/S/T, MX674AJ/K/S/T
±4
Full-Scale Calibration Error
(Note 3)
MX574AL/U
±0.125
%
MX574AJ/K/S/T, MX674A
±0.25
TEMPERATURE COEFFICIENTS (Using Internal Reference) (Notes 2, 3, 4)
Unipolar Offset Change
MX574AK/L/T/U, MX674AK/L/T/U
±1
LSB
MX574AJ/S, MX674AJ/S
±2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Full-Scale Calibration Change
MAX174AC
±2 (10)
LSB
(ppm/°C
MAX174BC
±5 (27)
MAX174CC
±9 (50)
MAX174AE
±7 (19)
MAX174BE
±10 (38)
MAX174CE
±20 (75)
MAX174AM
±5 (12)
MAX174BM
±10 (25)
MAX174CM
±20 (50)
INTERNAL REFERENCE
Output Voltage
No load
MAX174A
9.98
10.00
10.02
V
MAX174B/C
9.97
10.00
10.03
Output Current (Note 5)
Available for external loads, in addition to
REFIN and BIPOFF load
2
mA
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics—MX574A, MX674A
Electrical Characteristics—MAX174 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com