Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX574ASD Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MX574ASD
Description  Industry-Standard, Complete 12-Bit ADCs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX574ASD Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MX574ASD Datasheet HTML 9Page - Maxim Integrated Products MX574ASD Datasheet HTML 10Page - Maxim Integrated Products MX574ASD Datasheet HTML 11Page - Maxim Integrated Products MX574ASD Datasheet HTML 12Page - Maxim Integrated Products MX574ASD Datasheet HTML 13Page - Maxim Integrated Products MX574ASD Datasheet HTML 14Page - Maxim Integrated Products MX574ASD Datasheet HTML 15Page - Maxim Integrated Products MX574ASD Datasheet HTML 16Page - Maxim Integrated Products MX574ASD Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Note 6: For unipolar input ranges, output coding is straight binary.
Note 8: For bipolar input ranges, output coding is offset binary.
Note 9: For 0 to + 10V or ±5V ranges, 1 LSB = 2.44mV.
Note 10: For 0 to +20V or ±10V ranges, 1 LSB = 4.88mV.
Table 3. Input Ranges and Ideal Digital Output Codes
*The digital outputs will be flickering between the Indicated code and the indicated code plus one.
Figure 10. MX574/MX674A to AD585 Sample-and-Hold Interface
ANALOG INPUT VOLTAGE (V)
DIGITAL OUTPUT
0 to +10V
0 to +20V
±5V
±10V
MSB
LSB
+10.0000
+20.0000
+5.0000
+10.0000
1111 1111 1111
+9.9963
+19.9927
+4.9963
+9.9927
1111 1111 1110*
+5.0012
+10.0024
+0.0012
+0.0024
1000 0000 0000*
+4.9988
+9.9976
-0.0012
-0.0024
0111 1111 1111*
+4.9963
+9.9927
-0.0037
-0.0073
0111 1111 1110*
+0.0012
+0.0024
-4.9988
-9.9976
0000 0000 0000*
0.0000
0.0000
-5.0000
-10.0000
0000 0000 0000
STS
20VIN
10VIN
BIPOFF
REFOUT
REFIN
-VS
VCC
+VIN
*ADDITIONAL PINS OMITTED FOR CLARITY
GND
0.1µF
ANALOG
INPUT
-15V
4.7µF
AGND
DGND
HOLD
LREF
VOUT
-VIN
50Ω
50Ω
HOLD
+15V
4.7µF
0.1µF
VEE
-15V
4.7µF
0.1µF
VL
+5V
4.7µF
0.1µF
AD585*
CONTROL
INPUTS
+VS
+15V
4.7µF
0.1µF
MX574A*
MX674A
D0–11
MAX174/MX574A/
MX674A
Industry-Standard, Complete 12-Bit ADCs
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com