Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC8015Q Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPC8015Q
Description  SPDT SWITCH FOR RECEIVE APPLICATIONS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC8015Q Datasheet(HTML) 4 Page - Qorvo, Inc

  QPC8015Q Datasheet HTML 1Page - Qorvo, Inc QPC8015Q Datasheet HTML 2Page - Qorvo, Inc QPC8015Q Datasheet HTML 3Page - Qorvo, Inc QPC8015Q Datasheet HTML 4Page - Qorvo, Inc QPC8015Q Datasheet HTML 5Page - Qorvo, Inc QPC8015Q Datasheet HTML 6Page - Qorvo, Inc QPC8015Q Datasheet HTML 7Page - Qorvo, Inc QPC8015Q Datasheet HTML 8Page - Qorvo, Inc QPC8015Q Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
QPC8015Q
SPDT SWITCH FOR DIVERSITY APPLICATION
QPC8015Q Rev D | Subject to change without notice
4 of 14
www.qorvo.com
1 Recommended EVB schematic/ layout/ BOM/ PCB should be followed in order to achieve specified performance.
Pin Configuration and Description
1
2
3
4
5
6
RF2
GND
RF1
VDD
RFC
CTRL
Top View
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VSWR
Input/Output VSWR
617MHz to 960MHz
1.1
: 1
Input/Output VSWR
1427MHz to 2170MHz
1.1
: 1
Input/Output VSWR
2300MHz to 2690MHz
1.2
: 1
Input/Output VSWR
3300MHz to 4200MHz
1.5
: 1
Input/Output VSWR
4400MHz to 5000MHz
1.7
: 1
Input/Output VSWR
5100MHz to 6000MHz
2.0
: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com