Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL1002 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL1002
Description  0.03 ??3 GHz GaN LNA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL1002 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL1002 Datasheet HTML 1Page - Qorvo, Inc QPL1002 Datasheet HTML 2Page - Qorvo, Inc QPL1002 Datasheet HTML 3Page - Qorvo, Inc QPL1002 Datasheet HTML 4Page - Qorvo, Inc QPL1002 Datasheet HTML 5Page - Qorvo, Inc QPL1002 Datasheet HTML 6Page - Qorvo, Inc QPL1002 Datasheet HTML 7Page - Qorvo, Inc QPL1002 Datasheet HTML 8Page - Qorvo, Inc QPL1002 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
QPL1002
0.03
– 3 GHz GaN LNA
Data Sheet Rev. A, June 26, 2017 | Subject to change without notice
- 2 of 14 -
www.qorvo.com
Recommended Operating Conditions
Parameter
Value
Drain Voltage
12 V
Drain Current (quiescent, IDQ)
50 mA
Gate Voltage (typical)
-2.5 V
Control Voltage (typical)
+2 V
Operating Temperature Range
−40 to 85 °C
Electrical specifications are measured at specified test
conditions.
Specifications
are
not
guaranteed
over
all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value
Drain Voltage (VD)
20.0 V
Drain Current (IDQ)
300 mA
Gate Voltage Range (VG)
0 to −5 V
Gate Current (IG)
20 mA
Control Voltage (VC)
-5V to VD
Control Current (IC)
20 mA
RF Input Power (50 Ω, 85 °C)
37 dBm
Channel Temperature, TCH
275 °C
Mounting Temperature (30 seconds)
260 °C
Storage Temperature
−55 to 150 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
Electrical Specifications
Test conditions, unless otherwise noted: VD = 12 V, VC = +2V, IDQ = 50 mA, 25 °C. Data de-embedded to device reference plane
Parameter
Min
Typical
Max
Units
Frequency
0.03
3
GHz
Small Signal Gain
17
dB
Noise Figure
1.2
dB
1-dB Compression Point
23
dBm
Input Return Loss
12
dB
Output Return Loss
11
dB
Robustness (@ 50 Ohm, 85C)
37
dBm
Output TOI (@Pout=18 dBm/tone, 10 MHz tone spacing)
30
dBm
Gain Temperature Coefficient
−0.017
dB/°C
Recommended Darin Voltage
12
15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com