Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL1815 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL1815
Description  75廓 CATV Amplifier 50 ??1800MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL1815 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL1815 Datasheet HTML 1Page - Qorvo, Inc QPL1815 Datasheet HTML 2Page - Qorvo, Inc QPL1815 Datasheet HTML 3Page - Qorvo, Inc QPL1815 Datasheet HTML 4Page - Qorvo, Inc QPL1815 Datasheet HTML 5Page - Qorvo, Inc QPL1815 Datasheet HTML 6Page - Qorvo, Inc QPL1815 Datasheet HTML 7Page - Qorvo, Inc QPL1815 Datasheet HTML 8Page - Qorvo, Inc QPL1815 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Classification | PRIVATE
_________________________________________________________________________________________________
QPL1815
75Ω CATV Amplifier 50 – 1800MHz
Data Sheet – Rev C | Oct 21 , 2020 | Subject to change without notice
- 2 of 10
© 2020 Qorvo US, Inc. | Rejimon.Varghese@qorvo.com
Qorvo Confidential & Proprietary Information
Absolute Maximum Ratings____________________________________________
Parameter
Rating
Unit
Supply Voltage (VDD)
9
Volts
Supply Current (IDD)
400
mA
Maximum RF Input Power
+10
dBm
Maximum Junction Temperature
+165
°C
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications_______________________________________________
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
6.5
7
7.5
Volts
Supply Current (IDD)
150
215
mA
Frequency Range
50
1800
MHz
Gain
At 50MHz
10
dB
At 1200MHz
10.5
dB
At 1800MHz
11
dB
Gain Slope
1.0
dB
Reverse Isolation
20
dB
Input Return Loss
18
dB
Output Return Loss
18
dB
Noise Figure
At 1200MHz
3.5
dB
MER (2)
At +62dBmV Total Composite
Output power
At 111MHz
44
dB
At 1302MHz
42
dB
At 1698MHz
42
dB
OIP2 Minus
At 50MHz
70
dBm
At 1200MHz
65
dBm
At 1800MHz
62
dBm
OIP3
At 50MHz
40
dBm
At 1200MHz
40
dBm
At 1800MHz
35
dBm
Output P1dB
24
dBm
Thermal Resistance
32
˚C/W
1.Typical performance at these conditions: Temp = +25°C, VDD = +7V, 75Ω system, Full band unless
otherwise noted
2. 54MHz to 1794MHz, 0dB tilt, 1 OFDM (54-246MHz) + 254 QAM (252-1794MHz) Channels. CCN Noise BW
(ANSI/SCTE 17): 5.36MHz for J.83/B. Tx Data: ITU-T, Annex B, QAM256, 5.36 MSymbols/s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com