Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL9504 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL9504
Description  Ultra Low Noise, Flat Gain LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9504 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL9504 Datasheet HTML 1Page - Qorvo, Inc QPL9504 Datasheet HTML 2Page - Qorvo, Inc QPL9504 Datasheet HTML 3Page - Qorvo, Inc QPL9504 Datasheet HTML 4Page - Qorvo, Inc QPL9504 Datasheet HTML 5Page - Qorvo, Inc QPL9504 Datasheet HTML 6Page - Qorvo, Inc QPL9504 Datasheet HTML 7Page - Qorvo, Inc QPL9504 Datasheet HTML 8Page - Qorvo, Inc QPL9504 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QPL9504
Ultra Low Noise, Flat Gain LNA
Data Sheet, Rev. D, Dec 15, 2020 | Subject to change without notice
2 of 12
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
+3.3
+5
+5.5
V
TCASE
−40
+105
°C
Tj for >106 hours MTTF
190
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions. Application of conditions to the device outside the
Recommended Operating Conditions may reduce device reliability and
performance.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to +150°C
Supply Voltage (VDD)
7 V
RF Input Power, CW, 50Ω, T=25°C
22 dBm
RF Input Power, CW, OFF State, T=25°C
22 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device.
Electrical Specifications
Test conditions unless otherwise noted:
VDD=+5 V, Temp.=+25 °C, 50 Ω system
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
600
6000
MHz
Test Frequency
5500
MHz
Gain
21.6
dB
Input Return Loss
18.0
dB
Output Return Loss
9.3
dB
Noise Figure (1)
0.76
dB
Output P1dB
+18.7
dBm
Output IP3
Pout=+2 dBm/tone,
Δf=1 MHz
+34.0
dBm
Power Shutdown Control (pin 5)
On state
0
0.63
V
Off state (Power down)
1.17
VDD
V
Current, IDD
On state
55
mA
Off state (Power down)
4.2
mA
Shutdown pin current, ISD
VPD
≥ 1.17 V
100
µA
Switching Time (LNA ON)
50% DC to 0.5dB settled power/gain
70
ns
Switching Time (LNA OFF)
50% DC to -20dB from starting power/gain
50
ns
Thermal Resistance
Channel to case
74
°C/W
Notes:
1. Input trace loss de-embedded from NF data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com