Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPL9547 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPL9547
Description  0.1 -6 GHz Ultra Low-Noise LNA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9547 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPL9547 Datasheet HTML 1Page - Qorvo, Inc QPL9547 Datasheet HTML 2Page - Qorvo, Inc QPL9547 Datasheet HTML 3Page - Qorvo, Inc QPL9547 Datasheet HTML 4Page - Qorvo, Inc QPL9547 Datasheet HTML 5Page - Qorvo, Inc QPL9547 Datasheet HTML 6Page - Qorvo, Inc QPL9547 Datasheet HTML 7Page - Qorvo, Inc QPL9547 Datasheet HTML 8Page - Qorvo, Inc QPL9547 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QPL9547
0.1 -6 GHz Ultra Low-Noise LNA
Data Sheet, Rev. C, June 02, 2020 | Subject to change without notice
1 of 11
www.qorvo.com
®
8 Pin 2X2 mm DFN Package
Key Features
• 0.1-6 GHz Operational Bandwidth
• Ultra low noise figure, 0.3 dB NF @ 1.9 GHz
• 39 dBm OIP3
• 19.5 dB small signal gain
• Bias adjustable for linearity optimization
• Unconditionally stable
• Shut-down mode pin with 1.8V logic
• Maintains OFF state with high Pin drive
Product Overview
The QPL9547 is a high-linearity, ultra-low noise amplifier in
a small 2 x 2 mm surface-mount package. At 1.9 GHz, the
amplifier typically provides 19.5 dB gain, +39 dBm OIP3 at
a 65 mA bias setting, and 0.3 dB noise figure. The LNA can
be biased from a single positive supply ranging from 3.3 to
5 volts. The device is housed in a green/RoHS-compliant
industry-standard 2x2 mm package.
The QPL9547 is bias adjustable and requires minimal
external components to operate. It also has a power down
control
capability
integrated
into
the
die
for
TDD
applications.
Applications
• 5G m-MIMO
• Repeaters / DAS
• Mobile Infrastructure
• LTE / WCDMA / CDMA / GSM
• General Purpose Wireless
• TDD or FDD systems
Ordering Information
Part No.
Description
QPL9547TR7
2500 pieces on a 7” reel
QPL9547EVB-01
0.6-4.2 GHz Evaluation Board
Functional Block Diagram
Top View


Similar Part No. - QPL9547

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9503 TRIQUINT-QPL9503 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9503 QORVO-QPL9503 Datasheet
720Kb / 9P
Ultra Low-Noise, Flat Gain LNA
June 10, 2020
logo
TriQuint Semiconductor
QPL9503EVB-01 TRIQUINT-QPL9503EVB-01 Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
logo
Qorvo, Inc
QPL9503EVB-01 QORVO-QPL9503EVB-01 Datasheet
720Kb / 9P
Ultra Low-Noise, Flat Gain LNA
June 10, 2020
logo
TriQuint Semiconductor
QPL9503SR TRIQUINT-QPL9503SR Datasheet
531Kb / 7P
Ultra Low-Noise, Flat Gain LNA
More results

Similar Description - QPL9547

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPL9095 TRIQUINT-QPL9095 Datasheet
837Kb / 8P
Ultra Low-Noise, Bypass LNA
QPL9096 TRIQUINT-QPL9096 Datasheet
956Kb / 10P
Ultra Low-Noise, Bypass LNA
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Guerrilla RF, Inc.
GRF2100 GUERRILLA-GRF2100 Datasheet
822Kb / 11P
Low-current LNA 0.1??.8 GHz
logo
Qorvo, Inc
TQL9063 QORVO-TQL9063 Datasheet
668Kb / 12P
Ultra Low-Noise, Bypass LNA
QPL9098 QORVO-QPL9098 Datasheet
2Mb / 17P
Ultra-Low Noise, Bypass LNA
July 25, 2020
QPL9058 QORVO-QPL9058 Datasheet
1Mb / 13P
0.5 ??6.0 GHz Ultra Low-Noise LNA
18, 2020
QPL9095 QORVO-QPL9095 Datasheet
976Kb / 10P
Ultra Low-Noise, Bypass LNA
July 21, 2020
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
GRF2108 GUERRILLA-GRF2108 Datasheet
807Kb / 13P
Low-current LNA 0.1—3.8 GHz
08/13/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com