Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP40236 Datasheet(PDF) 7 Page - CUI INC

Part # CP40236
Description  PELTIER MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP40236 Datasheet(HTML) 7 Page - CUI INC

Back Button CP40236 Datasheet HTML 3Page - CUI INC CP40236 Datasheet HTML 4Page - CUI INC CP40236 Datasheet HTML 5Page - CUI INC CP40236 Datasheet HTML 6Page - CUI INC CP40236 Datasheet HTML 7Page - CUI INC CP40236 Datasheet HTML 8Page - CUI INC CP40236 Datasheet HTML 9Page - CUI INC CP40236 Datasheet HTML 10Page - CUI INC CP40236 Datasheet HTML 11Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
date 11/17/2020
│ page 7 of 15
cuidevices.com
CUI Devices
│ SERIES: CP40 │ DESCRIPTION: PELTIER MODULE
cuidevices.com
4.0
3.0
2.4 A
4 A
3.2 A
1.6 A
1.0
0
2.4 A
4 A
0.8 A
3.2 A
1.6 A
0.8 A
70
60
50
40
30
20
10
0
8.0
6.0
4.0
0
T=Th-Tc (°C)
2.0
2.0
CP40247 PERFORMANCE (Th=27°C)
4.0
3.0
2.4 A
4 A
3.2 A
1.6 A
1.0
0
2.4 A
4 A
0.8 A
3.2 A
1.6 A
0.8 A
70
60
50
40
30
20
10
0
8.0
6.0
4.0
0
T=Th-Tc (°C)
2.0
2.0
CP40247 PERFORMANCE (Th=50°C)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com