Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS06 Datasheet(PDF) 3 Page - CUI INC

Part # TS06
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS06 Datasheet(HTML) 3 Page - CUI INC

  TS06 Datasheet HTML 1Page - CUI INC TS06 Datasheet HTML 2Page - CUI INC TS06 Datasheet HTML 3Page - CUI INC TS06 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
cuidevices.com
CUI Devices
│ SERIES: TS06 │ DESCRIPTION: TACTILE SWITCH
date 09/22/2021
│ page 3 of 4
260 max. ec m
230
180
150
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
reflow soldering1
see reflow profile
260
°C
Notes:
1. Do not exceed 2 reflow cycles.
PACKAGING
units: mm
Reel Size: Ø330 mm
QTY: 1,000 pcs
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com