Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS07 Datasheet(PDF) 1 Page - CUI INC

Part # TS07
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS07 Datasheet(HTML) 1 Page - CUI INC

  TS07 Datasheet HTML 1Page - CUI INC TS07 Datasheet HTML 2Page - CUI INC TS07 Datasheet HTML 3Page - CUI INC TS07 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/22/2021
page 1 of 4
cuidevices.com
SERIES: TS07
│ DESCRIPTION: TACTILE SWITCH
FEATURES
• surface mount
• tape and reel
• black actuator
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc, 10 mA
100
mΩ
insulation resistance
at 100 Vdc for 1 minute
100
MΩ
operating force
see force table
actuator travel
0.15
0.25
0.35
mm
operating temperature
-30
80
°C
storage temperature
-40
90
°C
life
rated load, 2 cycles/second, 1.5 times operating force
100 gf models
160 gf models
260 gf models
100,000
80,000
60,000
cycles
cycles
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
TS07 - 667 - XX - BK - XXX - SMT - TR
Actuator Height:
25 = 2.5 mm
43 = 4.3 mm
30 = 3.0 mm
50 = 5.0 mm
37 = 3.7 mm
Push Force:
100 = 100 gf
160 = 160 gf
260 = 260 gf
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - TS07

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS07 SUNTAN-TS07 Datasheet
204Kb / 1P
MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
logo
TM Electronics Inc
TS07 TM-TS07 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
logo
Taoglas antenna solutio...
TS070113 TAOGLAS-TS070113 Datasheet
2Mb / 30P
Orange Straight TS.07 GPS/GLONASS/GALILEO/BeiDou Monopole Passive Antenna
logo
Bothhand USA, LP.
TS075 BOTHHAND-TS075 Datasheet
26Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS075-06 BOTHHAND-TS075-06 Datasheet
13Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS07

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com