Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS10 Datasheet(PDF) 1 Page - CUI INC

Part # TS10
Description  TACTILE SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

TS10 Datasheet(HTML) 1 Page - CUI INC

  TS10 Datasheet HTML 1Page - CUI INC TS10 Datasheet HTML 2Page - CUI INC TS10 Datasheet HTML 3Page - CUI INC TS10 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/23/2021
page 1 of 4
cuidevices.com
SERIES: TS10
│ DESCRIPTION: TACTILE SWITCH
FEATURES
• blue actuator
• normally closed switch
• surface mount
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1
12
Vdc
rated current
0.01
50
mA
withstanding voltage
for 1 minute
250
Vac
contact resistance
applying load of 2 times operating force at 5 Vdc,
10 mA
100
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
operating force
see force table
actuator travel
0.15
0.25
0.35
mm
operating temperature
-40
85
°C
storage temperature
-40
85
°C
life
at 5 Vdc, 10 mA, 2~3 cycles/second, 375 gf
50,000
cycles
vibration
10~55~10 Hz, 1.5 mm amplitude, 2 hours on each XYZ
flammability rating
see material table
RoHS
yes
PART NUMBER KEY
Base Number
TS10 - 63 - 26 - BE - 250 - SMT - TR
Additional Resources: Product Page


Similar Part No. - TS10

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
POLYSTYRENE FILM CAPACITOR-PSA&PSR
TS10 SUNTAN-TS10 Datasheet
310Kb / 1P
POLYSTYRENE FILM CAPACITOR-PSA&PSR
logo
ABB
TS10/12-24 C ABB-TS10/12-24 C Datasheet
65Kb / 2P
TS10/12-24 C Safety isolating transformer
logo
List of Unclassifed Man...
TS100 ETC1-TS100 Datasheet
5Mb / 22P
Soldering Iron
logo
Bothhand USA, LP.
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
More results

Similar Description - TS10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
Tactile Switch
B3M OMRON-B3M Datasheet
261Kb / 4P
Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
Tactile Switch
logo
CUI INC
TS02 CUI-TS02 Datasheet
467Kb / 5P
TACTILE SWITCH
TS04 CUI-TS04 Datasheet
429Kb / 5P
TACTILE SWITCH
11/03/2021
TS05 CUI-TS05 Datasheet
470Kb / 4P
TACTILE SWITCH
09/20/2021
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
TS13 CUI-TS13 Datasheet
345Kb / 4P
TACTILE SWITCH
04/13/2022
TS16 CUI-TS16 Datasheet
389Kb / 5P
TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com