Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN28RPX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN28RPX
Description  Round Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN28RPX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN28RPX Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
1: Anode
2: Cathode
157
PD(mW) IF(mA) IFP(mA)∗ VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Green
Amber
Orange
70
90
90
90
25
30
30
30
150
150
150
150
4
4
4
3
−25 ∼ +85 −30 ∼ +100
Round Type
φ 3.0 mm Series
s Absolute Maximum Ratings (T
a = 25°C)
Conventional Part No.
Global Prat No.
Lighting Color
LN28RPX ·················· LNG208RKR ············ Red
LN38GPX ················· LNG308GKG ··········· Green
LN48YPX ················· LNG408YKX ··········· Amber
LN88RPX ·················· LNG808RKD ············ Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
−25 ∼ +85 −30 ∼ +100
LN28RPX
LN38GPX
LN48YPX
LN88RPX
Unit
Red
Green
Amber
Orange
−
Red Diffused
Green Diffused
Amber Diffused
Red Diffused
−
2.8
1.6
15
2.2
2.8
700
100
20
5
4
10.0
5.6
20
2.2
2.8
565
30
20
10
4
5.0
1.9
20
2.2
2.8
590
30
20
10
4
5.0
1.9
20
2.1
2.8
630
40
20
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
IO Ta
500
300
30
50
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
0
30
40
50
40
60
80
100
100
500
600
700
800
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
Relative Luminous Intensity
IO IF
LN
28R
PX
LN28RPX
LN
28R
PX
LN38GPX
LN88RPX
LN38GPX
LN88RPX
LN48Y
PX
LN48YPX
LN48Y
PX
LN
28RPX
LN28RPX
LN
28RPX
LN38GPX
LN38GPX
LN38GPX
LN48YPX
LN48YPX
LN48YPX
LN28RPX
LN28RPX
LN28RPX
LN88RPX
LN88RPX
LN88RPX
LN38GPX
LN38GPX
LN48YPX
LN48YPX
LN88RPX
LN88RPX
LN38GPX
LN48YPX
LN88RPX
LN28RPX
LN28RPX
0.45
± 0.1
2
− 0.7 Max
2
− 0.45 ± 0.1
2.54
12
φ 3.6 ± 0.2
φ 3.0 ± 0.2
φ 3.6 ± 0.2


Similar Part No. - LN28RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN28RPP PANASONIC-LN28RPP Datasheet
42Kb / 2P
Round Type 3.0 mm Series
More results

Similar Description - LN28RPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN264CP PANASONIC-LN264CP Datasheet
32Kb / 1P
Round Type
LN276RCPX PANASONIC-LN276RCPX Datasheet
30Kb / 1P
Round Type
LN276RPX PANASONIC-LN276RPX Datasheet
32Kb / 1P
Round Type
LN277RCPX PANASONIC-LN277RCPX Datasheet
30Kb / 1P
Round Type
LN277RPX PANASONIC-LN277RPX Datasheet
31Kb / 1P
Round Type
LN29RTX PANASONIC-LN29RTX Datasheet
31Kb / 1P
Round Type
LN31GPH PANASONIC-LN31GPH Datasheet
30Kb / 1P
Round Type
LN41YPH PANASONIC-LN41YPH Datasheet
31Kb / 1P
Round Type
logo
Roithner LaserTechnik G...
B5B-850-8 ROITHNER-B5B-850-8 Datasheet
95Kb / 3P
round type
B5B-940-8 ROITHNER-B5B-940-8 Datasheet
95Kb / 3P
round type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com