Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5AFDA Datasheet(PDF) 7 Page - Schneider Electric

Part # ZB5AFDA
Description  Head for non illuminated push button, Harmony XB5, key operated pushbutton 횠22 mm turn release Dom 4A185
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5AFDA Datasheet(HTML) 7 Page - Schneider Electric

Back Button ZB5AFDA Datasheet HTML 3Page - Schneider Electric ZB5AFDA Datasheet HTML 4Page - Schneider Electric ZB5AFDA Datasheet HTML 5Page - Schneider Electric ZB5AFDA Datasheet HTML 6Page - Schneider Electric ZB5AFDA Datasheet HTML 7Page - Schneider Electric ZB5AFDA Datasheet HTML 8Page - Schneider Electric ZB5AFDA Datasheet HTML 9Page - Schneider Electric ZB5AFDA Datasheet HTML 10Page - Schneider Electric ZB5AFDA Datasheet HTML 11Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
A:
1.18 in. min.
B:
1.57 in. min.
General Tolerances of the Panel and Printed Circuit Board
The cumulative tolerance must not exceed 0.3 mm / 0.012 in.: T1 + T2 = 0.3 mm max.
Installation Precautions
● Minimum thickness of circuit board: 1.6 mm / 0.06 in.
● Cut-out diameter: 22.4 mm ± 0.1 / 0.88 in. ± 0.004
● Orientation of body/fixing collar ZB5AZ009: ± 2°30’ (excluding cut-outs marked a and b).
● Tightening torque of screws ZBZ006: 0.6 N.m (5.3 lbf.in) max.
● Allow for one ZB5AZ079 fixing collar/pillar and its fixing screws:
○ every 90 mm / 3.54 in. horizontally (X), and 120 mm / 4.72 in. vertically (Y).
○ with each selector switch head (ZB5AD•, ZB5AJ•, ZB5AG•).
The fixing centers marked a and b are diagonally opposed and must align with those marked 4 and 5.
(1)
Head ZB5AD•
(2)
Panel
(2)
Nut
(4)
Printed circuit board
Mounting of Adapter (Socket) ZBZ01•
● 1 2 elongated holes for ZBZ006 screw access
● 2 1 hole Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 for centring adapter ZBZ01•
● 3 8 × Ø 1.2 mm / 0.05 in. holes
● 4 1 hole Ø 2.9 mm ± 0.05 / 0.11 in. ± 0.002, for aligning the printed circuit board (with cut-out marked a)
● 5 1 elongated hole for aligning the printed circuit board (with cut-out marked b)
● 6 4 holes Ø 2.4 mm / 0.09 in. for clipping in adapter ZBZ01•
Dimensions An + 18.1 relate to the Ø 2.4 mm ± 0.05 / 0.09 in. ± 0.002 holes for centring adapter ZBZ01•.
Mar 7, 2022
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com