Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH16TP Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLSH16TP
Description  Toshiba TLxH16 Series LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSH16TP Datasheet(HTML) 1 Page - Marktech Corporate

  TLSH16TP Datasheet HTML 1Page - Marktech Corporate TLSH16TP Datasheet HTML 2Page - Marktech Corporate TLSH16TP Datasheet HTML 3Page - Marktech Corporate TLSH16TP Datasheet HTML 4Page - Marktech Corporate TLSH16TP Datasheet HTML 5Page - Marktech Corporate TLSH16TP Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Toshiba TLxH16 Series LEDs
Features
5mm Package
InGaAlP Technology
All Plastic Mold Type
Transparent Lens
High Intensity Light Emission
Excellent Low Current Light Output
Applications
Backlight
Safety Equipment
Traffic Signals
Series Line−Up
Part Number
Color
Material
TLOH16TP
Ultra Bright Orange
InGaAlP
TLRMH16TP
Ultra Red
InGaAlP
TLSH16TP
Ultra Bright High Efficency Red
InGaAlP
TLYH16TP
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current IF
Reverse Voltage VR
Power Dissipation PD
Operating Temperature Topr Storage Temperature Tstg
TLOH16TP
50
4.00
120.00
−40 ~100
−40 ~ 120
TLRMH16TP
50
4.00
120.00
−40 ~100
−40 ~ 120
TLSH16TP
50
4.00
120.00
−40 ~100
−40 ~ 120
TLYH16TP
50
4.00
120.00
−40 ~100
−40 ~ 120
Unit
mA
V
mW
o
C
o
C
Company Headquarters
120 Broadway
Menands, New York 12204
Toll Free: 800.984.5337
Fax: 518.432.7454
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLSH16TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH16TP TOSHIBA-TLSH16TP Datasheet
254Kb / 7P
Panel Circuit Indicator
TLSH16TPF TOSHIBA-TLSH16TPF Datasheet
254Kb / 7P
Panel Circuit Indicator
More results

Similar Description - TLSH16TP

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
Toshiba TLxE27 Series LEDs
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
Toshiba TLxE156 Series LEDs
TLOE157AP MARKTECH-TLOE157AP Datasheet
281Kb / 2P
Toshiba TLxE157 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
Toshiba TLxE180 Series LEDs
TLGE263P MARKTECH-TLGE263P Datasheet
54Kb / 2P
Toshiba TLxE263 Series LEDs
TLOH17TP MARKTECH-TLOH17TP Datasheet
47Kb / 2P
Toshiba TLxH17 Series LEDs
TLOH20TP MARKTECH-TLOH20TP Datasheet
229Kb / 6P
Toshiba TLxH20 Series LEDs
TLOH180P MARKTECH-TLOH180P Datasheet
284Kb / 6P
Toshiba TLxH180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
Toshiba TLxH190 Series LEDs
TLOH262 MARKTECH-TLOH262 Datasheet
222Kb / 5P
Toshiba TLxH262 Series LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com