Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH160 Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLRH160
Description  Toshiba TLxH160 Series LEDs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRH160 Datasheet(HTML) 1 Page - Marktech Corporate

  TLRH160 Datasheet HTML 1Page - Marktech Corporate TLRH160 Datasheet HTML 2Page - Marktech Corporate TLRH160 Datasheet HTML 3Page - Marktech Corporate TLRH160 Datasheet HTML 4Page - Marktech Corporate TLRH160 Datasheet HTML 5Page - Marktech Corporate TLRH160 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Toshiba TLxH160 Series LEDs
Features
3mm Package
All Plastic Mold Type
Fast Response Time, Capable of Pulse Operation
High Power Luminous Intensity
InGaAlP Technology
Water Clear Lens
Applications
Outdoor Message Signboard
Safety equipment
Series Line−Up
Part Number
Color
Material
TLOH160
Ultra Bright Orange
InGaAlP
TLRH160
Ultra Bright Red
InGaAlP
TLSH160
Ultra Bright High Efficency Red
InGaAlP
TLYH160
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLOH160
50
4
125.00
−30 ~ 85
−40 ~ 120
TLRH160
50
4
125.00
−30 ~ 85
−40 ~ 120
TLSH160
50
4
125.00
−30 ~ 85
−40 ~ 120
TLYH160
50
4
125.00
−30 ~ 85
−40 ~ 120
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLRH160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1100 TOSHIBA-TLRH1100 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1100B TOSHIBA-TLRH1100B Datasheet
292Kb / 13P
Panel Circuit Indicator
TLRH1100T09 TOSHIBA-TLRH1100T09 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1102 TOSHIBA-TLRH1102 Datasheet
292Kb / 6P
SMT LEDs
More results

Similar Description - TLRH160

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
Toshiba TLxE27 Series LEDs
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
Toshiba TLxE156 Series LEDs
TLOE157AP MARKTECH-TLOE157AP Datasheet
281Kb / 2P
Toshiba TLxE157 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
Toshiba TLxE180 Series LEDs
TLGE263P MARKTECH-TLGE263P Datasheet
54Kb / 2P
Toshiba TLxE263 Series LEDs
TLOH16TP MARKTECH-TLOH16TP Datasheet
41Kb / 6P
Toshiba TLxH16 Series LEDs
TLOH17TP MARKTECH-TLOH17TP Datasheet
47Kb / 2P
Toshiba TLxH17 Series LEDs
TLOH20TP MARKTECH-TLOH20TP Datasheet
229Kb / 6P
Toshiba TLxH20 Series LEDs
TLOH180P MARKTECH-TLOH180P Datasheet
284Kb / 6P
Toshiba TLxH180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
Toshiba TLxH190 Series LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com