Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F469AE
Description  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 16Page - STMicroelectronics STM32F469AE Datasheet HTML 17Page - STMicroelectronics STM32F469AE Datasheet HTML 18Page - STMicroelectronics STM32F469AE Datasheet HTML 19Page - STMicroelectronics STM32F469AE Datasheet HTML 20Page - STMicroelectronics STM32F469AE Datasheet HTML 21Page - STMicroelectronics STM32F469AE Datasheet HTML 22Page - STMicroelectronics STM32F469AE Datasheet HTML 23Page - STMicroelectronics STM32F469AE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 220 page
background image
Description
STM32F469xx
20/220
DS11189 Rev 7
Figure 5. STM32F469xx block diagram
1. The timers connected to APB2 are clocked from TIMxCLK up to 180 MHz, while the timers connected to
APB1 are clocked from TIMxCLK either up to 90 MHz or 180 MHz depending on TIMPRE bit configuration
in the RCC_DCKCFGR register.
Quad-SPI
MS38288V1
USART 2MBps
GPIO PORT A
AHB/APB2
USART 2MBps
EXT IT. WKUP
168 AF
PA[15:0]
USART 2MBps
GPIO PORT B
PB[15:0]
USART 2MBps
TIMER 1 / PWM
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM8_CH1[1:4]ETR),
BKIN as AF
USART 2MBps
TIMER 8 / PWM
USART 2MBps
GPIO PORT C
PC[15:0]
USART 2MBps
USART 1
RX, TX, SCK,
CTS, RTS as AF
USART 2MBps
GPIO PORT D
PD[15:0]
USART 2MBps
GPIO PORT E
PE[15:0]
USART 2MBps
GPIO PORT F
PF[15:0]
USART 2MBps
GPIO PORT G
PG[15:0]
USART 2MBps
SPI1/I2S
8 analog inputs common
to the 3 ADCs
8 analog inputs common
to the ADC1 & 2
V DDREF_ADC
8 analog inputs to ADC3
4 Channels, ETR as AF
TIM2
TIM3
TIM4
4 Channels
TIM5
RX, TX, SCK,
USART2
RX, TX, SCK
USART3
RX, TX as AF
UART4
RX, TX as AF
UART5
MOSI, MISO, SCK
NSS/WS, MCK as AF
SPI2/I2S
MOSI, MISO, SCK
SPI3/I2S
NSS/WS, MCK as AF
SCL, SDA, SMBA as AF
I2C1/SMBUS
SCL, SDA, SMBA as AF
I2C2/SMBUS
TX, RX
bxCAN1
TX, RX
bxCAN2
DAC1 as AF
DAC1
DAC2 as AF
DAC2
ITF
TIMER6
TIMER7
WWDG
4KB BKPRAM
RTC_TAMP1
RTC_TAMP2
RTC_OUT
RTC_REFIN
RTC_TS
OSC32_IN
OSC32_OUT
OSCIN
OSCOUT
VDDA, VSSA,
NRST
USART 2MBps
USART 6
RX, TX, SCK,
CTS, RTS as AF
smcard
irDA
smcard
irDA
smcard
irDA
smcard
irDA
16b
16b
32b
16b
16b
32b
16b
16b
CTS, RTS as AF
CTS, RTS as AF
SDIO / MMC
D[7:0]
CMD, CK as AF
VBAT = 1.8 to 3.6 V
DMA1
AHB/APB1
DMA2
SCL, SDA, SMBA as AF
I2C3/SMBUS
USART 2MBps
GPIO PORT H
PH[15:0]
JTAG & SW
ARM
Cortex M4
180MHz
I-BUS
S-BUS
D-BUS
NVIC
ETM
MPUFPU
JTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
TRACECK
TRACED(3:0)
USB
DMA/
FIFO
OTG HS
D+, D-
VDDUSB = 3.0 to 3.6 V
ULPI : CLK, D(7:0),
DIR, STP, NXT
SCL/SDA, INT, ID, VBUS
GP-DMA2
8 Streams
FIFO
GP-DMA1
8 Streams
FIFO
Flash 1MB
SRAM1 160KB
SRAM2 32KB
EXT MEM CTRL (FMC)
SRAM, PSRAM, NOR Flash
NAND Flash, SDRAM
CLK, NE[3:0], A[23:0], D[31:0],
NOE, NWEN, NBL[3:0],
SDCLKE[1:0], SDNE[1:0],
NRAS, NCAS, NADV,
NWAIT, INTR
CAMERA
HSYNC, VSYNC
PIXCK, D(13:0)
ITF
USB
OTG FS
D+, D-,
VDDUSB = 3.0 to 3.6 V,
SCL, SDA, INT, ID, VBUS
USART 2MBps
TEMP SENSOR
ADC1
ADC2
ADC 3
IF
IF
@VDDA
@VDDA
POR/PDR/
SUPPLY
SUPERVISION
PVD
Reset
Int
POR
XTAL OSC
4-26MHz
XTAL 32kHz
MANAGT
RTC
RC HS
RC LS
Standbyinterface
IWDG
@VBAT
@VDDA
AWU
RESET&
CLOCK
CTRL
PLL1,2,3
@VDDA @VDD
Backup Register
AHB2180MHz
2 Channels as AF
TIM12
1 Channels as AF
TIM13
1 CH as AF
TIM14
16b
16b
16b
USART 2MBps
TIMER 9
2 channels as AF
USART 2MBps
TIMER10
1 channel as AF
16b
16b
USART 2MBps
TIMER11
1 channel as AF
16b
BOR
UART7
UART8
USART 2MBps
SPI 4
SD, SCK, FS
MCLK as AF
CRC
USART 2MBps
SAI 1
CLK,
BK1_NCS, BK2_NCS,
D[7:0]
USART 2MBps
SPI6
Flash 1MB
SRAM3 128KB
RNG
AHB2 180 MHz
4 Channels, ETR as AF
4 Channels, ETR as AF
USART 2MBps
GPIO PORT I
PI[15:0]
USART 2MBps
GPIO PORT J
PJ[15:0]
USART 2MBps
GPIO PORT K
PK[7:0]
AHB1 180MHz
USART 2MBps
SPI5
MOSI, MISO, SCK,
NSS as AF
MOSI, MISO, SCK,
NSS as AF
MOSI, MISO, SCK,
NSS as AF
MOSI, MISO, SCK,
NSS as AF
CCM data RAM 64 KB
LCD-TFT
FIFO
DMA-2D
FIFO
DSI Host
DSIHOST_D0 P/N
DSIHOST_D1 P/N
DSIHOST_CK P/N
VDD12DSI, VDDSI, VSSDSI
VCAPDSI
DSIHOST_TE
4 compl. chan. (TIM1_CH1[1:4]N),
4 chan. (TIM8_CH1[1:4]ETR),
BKIN as AF
RX, TX as AF
RX, TX as AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com