Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F730R8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F730R8
Description  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730R8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F730R8 Datasheet HTML 9Page - STMicroelectronics STM32F730R8 Datasheet HTML 10Page - STMicroelectronics STM32F730R8 Datasheet HTML 11Page - STMicroelectronics STM32F730R8 Datasheet HTML 12Page - STMicroelectronics STM32F730R8 Datasheet HTML 13Page - STMicroelectronics STM32F730R8 Datasheet HTML 14Page - STMicroelectronics STM32F730R8 Datasheet HTML 15Page - STMicroelectronics STM32F730R8 Datasheet HTML 16Page - STMicroelectronics STM32F730R8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 202 page
background image
DS12536 Rev 2
13/202
STM32F730x8
Description
49
2
Description
The STM32F730x8 devices are based on the high-performance Arm® Cortex®-M7 32-bit
RISC core operating at up to 216 MHz frequency. The Cortex®-M7 core features a single
floating point unit (SFPU) precision which supports Arm® single-precision data-processing
instructions and data types. It also implements a full set of DSP instructions and a memory
protection unit (MPU) which enhances the application security.
The STM32F730x8 devices incorporate high-speed embedded memories with a Flash
memory of 64 Kbytes, 256 Kbytes of SRAM (including 64 Kbytes of data TCM RAM for
critical real-time data), 16 Kbytes of instruction TCM RAM (for critical real-time routines),
4 Kbytes of backup SRAM available in the lowest power modes, and an extensive range of
enhanced I/Os and peripherals connected to two APB buses, two AHB buses, a 32-bit multi-
AHB bus matrix and a multi layer AXI interconnect supporting internal and external
memories access.
All the devices offer three 12-bit ADCs, two DACs, a low-power RTC, thirteen general-
purpose 16-bit timers including two PWM timers for motor control, two general-purpose 32-
bit timers, a true random number generator (RNG). They also feature standard and
advanced communication interfaces.
Up to three I2Cs
Five SPIs, three I2Ss in half duplex mode. To achieve the audio class accuracy, the I2S
peripherals can be clocked via a dedicated internal audio PLL or via an external clock
to allow synchronization.
Four USARTs plus four UARTs
An USB OTG full-speed and a USB OTG high-speed with full-speed capability (with the
ULPI or with the integrated HS PHY depending on the part number)
One CAN
Two SAI serial audio interfaces
Two SDMMC host interfaces
Advanced peripherals include two SDMMC interfaces, a flexible memory control (FMC)
interface, a Quad-SPI Flash memory interface.
The STM32F730x8 devices operate in the –40 to +105 °C temperature range from a 1.7 to
3.6 V power supply. Dedicated supply inputs for the USB (OTG_FS and OTG_HS) and the
SDMMC2 (clock, command and 4-bit data) are available on all the packages except
LQFP100 and LQFP64 for a greater power supply choice.
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor. A
comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F730x8 devices offer devices in 4 packages ranging from 64 pins to 176 pins.
The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com