Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053C6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32L053C6
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32L053C6 Datasheet HTML 8Page - STMicroelectronics STM32L053C6 Datasheet HTML 9Page - STMicroelectronics STM32L053C6 Datasheet HTML 10Page - STMicroelectronics STM32L053C6 Datasheet HTML 11Page - STMicroelectronics STM32L053C6 Datasheet HTML 12Page - STMicroelectronics STM32L053C6 Datasheet HTML 13Page - STMicroelectronics STM32L053C6 Datasheet HTML 14Page - STMicroelectronics STM32L053C6 Datasheet HTML 15Page - STMicroelectronics STM32L053C6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 136 page
background image
Description
STM32L053x6 STM32L053x8
12/136
DS10152 Rev 9
Figure 1. STM32L053x6/8 block diagram
MSv33794V1
CORTEX M0+ CPU
Fmax:32MHz
SWD
MPU
NVIC
GPIO PORT A
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT H
Temp
sensor
RESET & CLK
FLASH
EEPROM
BOOT
RAM
DMA1
TSC
CRC
RNG
BRIDGE
A
P
B
2
FIREWALL
DBG
EXTI
ADC1
SPI1
USART1
TIM21
COMP1
LSE
TIM22
BRIDGE
A
P
B
1
CRS
TIM6
RAM 1K
DAC1
I2C1
I2C2
USART2
USB 2.0 FS
LPUART1
SPI2/I2S
TIM2
LCD1
IWDG
RTC
WWDG
LPTIM1
BCKP REG
HSE
HSI 16M
PLL
MSI
LSI
HSI 48M
PMU
REGULATOR
VDD
VDDA
VREF_OUT
NRST
PVD_IN
OSC32_IN,
OSC32_OUT
OSC_IN,
OSC_OUT
WKUPx
PA[0:15]
PH[0:1]
PD[2]
PC[0:15]
PB[0:15]
AINx
MISO, MOSI,
SCK, NSS
RX, TX, RTS,
CTS, CK
2ch
2ch
INP, INM, OUT
IN1, IN2,
ETR, OUT
DP, DM, OE,
CRS_SYNC,
VDD_USB
OUT1
SCL, SDA,
SMBA
SCL, SDA,
SMBA
RX, TX, RTS,
CTS, CK
RX, TX, RTS,
CTS
MISO/MCK,
MOSI/SD,
SCK/CK, NSS/
WS
4ch
COMx, SEGx,
LCD_VLCD1
SWD
COMP2
INP, INM, OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com