Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071X8 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32L071X8
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071X8 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32L071X8 Datasheet HTML 36Page - STMicroelectronics STM32L071X8 Datasheet HTML 37Page - STMicroelectronics STM32L071X8 Datasheet HTML 38Page - STMicroelectronics STM32L071X8 Datasheet HTML 39Page - STMicroelectronics STM32L071X8 Datasheet HTML 40Page - STMicroelectronics STM32L071X8 Datasheet HTML 41Page - STMicroelectronics STM32L071X8 Datasheet HTML 42Page - STMicroelectronics STM32L071X8 Datasheet HTML 43Page - STMicroelectronics STM32L071X8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 148 page
background image
Pin descriptions
STM32L071xx
40/148
DS10690 Rev 7
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after
reset.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 15. STM32L071xxx pin definition
Pin number
Pin name
(function
after reset)
Alternate
functions
Additional
functions
-
-
---
-
-
1
B2
PE2
I/O FT
-
TIM3_ETR
-
-
-
---
-
-
2
A1
PE3
I/O FT
-
TIM22_CH1,
TIM3_CH1
-
-
-
---
-
-
3
B1
PE4
I/O FT
-
TIM22_CH2,
TIM3_CH2
-
-
-
---
-
-
4
C2
PE5
I/O FT
-
TIM21_CH1,
TIM3_CH3
-
-
-
---
-
-
5
D2
PE6
I/O FT
-
TIM21_CH2,
TIM3_CH4
RTC_TAMP3/
WKUP3
1
-
1
1
1
B2 B6
6
E2
VDD
S
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com