Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071XB Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32L071XB
Description  Access line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071XB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32L071XB Datasheet HTML 14Page - STMicroelectronics STM32L071XB Datasheet HTML 15Page - STMicroelectronics STM32L071XB Datasheet HTML 16Page - STMicroelectronics STM32L071XB Datasheet HTML 17Page - STMicroelectronics STM32L071XB Datasheet HTML 18Page - STMicroelectronics STM32L071XB Datasheet HTML 19Page - STMicroelectronics STM32L071XB Datasheet HTML 20Page - STMicroelectronics STM32L071XB Datasheet HTML 21Page - STMicroelectronics STM32L071XB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
Functional overview
STM32L071xx
18/148
DS10690 Rev 7
High Speed
Internal (HSI)
OO
--
--
(3)
--
High Speed
External (HSE)
OO
O
O
--
--
Low Speed Internal
(LSI)
OO
O
O
O
O
Low Speed
External (LSE)
OO
O
O
O
O
Multi-Speed
Internal (MSI)
OO
Y
Y
--
--
Inter-Connect
Controller
YY
Y
Y
Y
--
RTC
O
O
O
O
O
O
O
RTC Tamper
O
O
O
O
O
O
O
O
Auto WakeUp
(AWU)
OO
O
O
O
O
O
O
USART
O
O
O
O
O(4)
O--
LPUART
O
O
O
O
O(4)
O--
SPI
O
O
O
O
--
--
I2C
O
O
--
--
O(5)
O--
ADC
O
O
--
--
--
--
Temperature
sensor
OO
O
O
O
--
Comparators
O
O
O
O
O
O
--
16-bit timers
O
O
O
O
--
--
LPTIMER
O
O
O
O
O
O
IWDG
O
O
O
O
O
O
O
O
WWDG
O
O
O
O
--
--
SysTick Timer
O
O
O
O
--
GPIOs
O
O
O
O
O
O
2 pins
Wakeup time to
Run mode
0 µs
0.36 µs
3 µs
32 µs
3.5 µs
50 µs
Table 5. Functionalities depending on the working mode
(from Run/active down to standby) (continued)(1)(2)
IPs
Run/Active
Sleep
Low-
power
run
Low-
power
sleep
Stop
Standby
Wakeup
capability
Wakeup
capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com