Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW45N60DM6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW45N60DM6
Description  N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW45N60DM6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW45N60DM6 Datasheet HTML 3Page - STMicroelectronics STW45N60DM6 Datasheet HTML 4Page - STMicroelectronics STW45N60DM6 Datasheet HTML 5Page - STMicroelectronics STW45N60DM6 Datasheet HTML 6Page - STMicroelectronics STW45N60DM6 Datasheet HTML 7Page - STMicroelectronics STW45N60DM6 Datasheet HTML 8Page - STMicroelectronics STW45N60DM6 Datasheet HTML 9Page - STMicroelectronics STW45N60DM6 Datasheet HTML 10Page - STMicroelectronics STW45N60DM6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Source-drain diode forward characteristics
GADG270720171031SDF
1.1
1
0.9
0.8
0.7
0.6
0.5
0
5
10
15
20
25
30
VSD
(V)
ISD (A)
Tj = -50 °C
Tj = 25 °C
Tj = 150 °C
Figure 14. Output capacitance stored energy
GADG200720171522CSE
20
16
12
8
4
0
0
100 200 300 400 500 600
EOSS
(µJ)
VDS (V)
STP45N60DM6, STW45N60DM6
Electrical characteristics (curves)
DS11664 - Rev 3
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com