Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6N-LFX-1/4-R Datasheet(PDF) 1 Page - Festo Corporation.

Part # MS6N-LFX-1/4-R
Description  Active carbon filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MS6N-LFX-1/4-R Datasheet(HTML) 1 Page - Festo Corporation.

  MS6N-LFX-1/4-R Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active carbon filter
MS6N-LFX-1/4-R
Part number: 531920
Data sheet
Feature
Value
Size
6
Series
MS
Mounting position
Vertical +/- 5°
Structural design
Active carbon filter
Bowl guard
Plastic bowl guard
Symbol
00991519
Operating pressure
0 bar ... 20 bar
Max. standard flow rate for air quality class
900 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [1:4:2]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
For use in the food industry
See supplementary material information
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [1:4:1]
Temperature of medium
5 °C ... 30 °C
Residual oil content
0.003 mg/m³
Ambient temperature
-10 °C ... 60 °C
Product weight
600 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Note on materials
Free of copper and PTFE
RoHS-compliant
Compressed air filter material
Activated carbon
Housing material
Die-cast aluminum
Material of bowl
PC
3/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - MS6N-LFX-1/4-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MS6N-LFX-1/4-U FESTO-MS6N-LFX-1/4-U Datasheet
79Kb / 1P
Active carbon filter
3/10/22
More results

Similar Description - MS6N-LFX-1/4-R

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529681 FESTO-529681 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
529683 FESTO-529683 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531764 FESTO-531764 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531921 FESTO-531921 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531922 FESTO-531922 Datasheet
80Kb / 1P
Active carbon filter
3/10/22
535786 FESTO-535786 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
536709 FESTO-536709 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
552927 FESTO-552927 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
553034 FESTO-553034 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
564038 FESTO-564038 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com