Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7117C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # ICL7117C/D
Description  3쩍 Digit ADCs with Display Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7117C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  ICL7117C/D Datasheet HTML 1Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 2Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 3Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 4Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 5Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 6Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 7Page - Maxim Integrated Products ICL7117C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Supply Voltage
ICL7116, V+ to V-..................................................................15V
ICL7117, V+ to GND .............................................................+6V
ICL7117, V- to GND............................................................... -9V
Analog Input Voltage (either input) (Note 1)...................V+ to V-
Reference lnput Voltage (either input)............................V+ to V-
Clock Input
ICL7116 ...................................................................Test to V+
ICL7117 ..................................................................GND to V+
Power Dissipation (Note 2)
Ceramic Package ..........................................................1000mW
CERDIP Package............................................................800mW
Plastic Package...............................................................800mW
Operating Temperature Range...............................0ºC to +70ºC
Storage Temperature Range.............................-65ºC to +160ºC
Lead Temperature (soldering, 60s) ................................. +300ºC
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Zero Input Reading
VIN = 0V
Full Scale = 200.00mV
-000.0
±000.0 +000.0
Digital
Reading
Ratiometric Reading
VIN = VREF = 100mV
999
999/
1000
1000
Digital
Reading
Rollover Error (Difference in Reading for Equal
Positive and Negative Reading Near Full
Scale)
-VIN = +VIN = 200mV
-1
±0.2
+1
Counts
Linearity (Max. Deviation from Best Straight
Line Fit)
Full Scale = 200mV
or Full Scale = 2.00mV
-1
±0.2
+1
Counts
Common-Mode Rejection Ratio (Note 4)
VCM = 1V, VIN = 0V
Full Scale = 200.00mV
50
µV/V
Noise (Pk-Pk Value Not Exceeded 95% of the
Time)
VIN = 0V
Full Scale = 200.00mV
15
µV
Leakage Current at Input
VIN = 0V
1
10
pA
Zero Reading Drift
VIN = 0V, 0°C < TA < 70°C
0.2
1
µV/°C
Scale Factor Temperature Coefficient
VIN = 199.0mV
0°C < TA < 70°C
(Ext. Ref. 0ppm/°C)
1
5
ppm/°C
V+ Supply Current (Does Not Include LED
Current for ICL7117)
VIN = 0V
0.8
1.8
mA
V- Supply Current for ICL7117 Only
0.6
1.8
mA
Analog Common Voltage (With Respect to
Positive Supply)
25Ω Between Common and Positive Supply
2.4
2.8
3.2
V
Temperature Coefficient of Analog Common
(With Respect to Pos. Supply)
25Ω Between Common and Positive Supply
80
ppm/°C
Input Resistance, Pin 1 (Note 6)
30
70
kΩ
VIL, Pin 1 (ICL7116 Only)
TEST – 1.5
V
ICL7116/ICL7117
3½ Digit ADCs with Display Hold
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Input voltage may exceed supply voltages, provided the input current is limited to 100µA.
Note 2: Dissipation rating assumes device is mounted with all leads soldered to the PCB.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics (Note 3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com