Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP165 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP165
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP165 Datasheet HTML 7Page - Analog Devices ADP165 Datasheet HTML 8Page - Analog Devices ADP165 Datasheet HTML 9Page - Analog Devices ADP165 Datasheet HTML 10Page - Analog Devices ADP165 Datasheet HTML 11Page - Analog Devices ADP165 Datasheet HTML 12Page - Analog Devices ADP165 Datasheet HTML 13Page - Analog Devices ADP165 Datasheet HTML 14Page - Analog Devices ADP165 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADP165/ADP166
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 21. PSRR vs. Frequency, Various Load Currents, VOUT = 3.3 V, VIN = 4.3 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 3.3V/150mA
LOAD = 2.5V/150mA
LOAD = 1.2V/150mA
LOAD = 3.3V/1mA
LOAD = 2.5V/1mA
LOAD = 1.2V/1mA
Figure 22. PSRR vs. Frequency, Various Load Currents, VIN − VOUT = 1 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 23. PSRR vs. Frequency, Various Load Currents, VOUT = 2.5 V, VIN = 3.0 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 24. PSRR vs. Frequency, Various Load Currents, VOUT = 3.3 V, VIN = 3.8 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 150mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 25. Adjustable ADP165/ADP166 PSRR vs. Frequency,
Various Load Currents, VOUT = 3.3 V, VIN = 4.3 V
1k
1
10
100
0.001
0.01
1000
100
10
1
0.1
LOAD CURRENT (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.2V
ADJ 3.3V
Figure 26. Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, COUT = 1 µF
Rev. A | Page 11 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com