Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP165ACBZ-2.2-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP165ACBZ-2.2-R7
Description  Very Low Quiescent Current, 150 mA, LDO Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP165ACBZ-2.2-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP165ACBZ-2.2-R7 Datasheet HTML 9Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 10Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 11Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 12Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 13Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 14Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 15Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 16Page - Analog Devices ADP165ACBZ-2.2-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADP165/ADP166
THEORY OF OPERATION
The ADP165/ADP166 are very low quiescent current, low dropout
linear regulators that operate from 2.2 V to 5.5 V and can provide
up to 150 mA of output current. Drawing only 590 nA (typical)
at no load and a low 42 µA of quiescent current (typical) at full load
makes the ADP165/ADP166 ideal for battery-operated portable
equipment. Shutdown current consumption is typically 50 nA.
Using new innovative design techniques, the ADP165/ADP166
provide very low quiescent current and superior transient
performance for digital and RF applications. The ADP165/
ADP166 are also optimized for use with small 1 µF ceramic
capacitors.
REFERENCE
CURRENT-LIMIT,
UVLO, AND
THERMAL
PROTECTION
SHUTDOWN
R1
R2
VOUT
VIN
GND
EN
ADP165
R3
Figure 32. Internal Block Diagram, Fixed Output with Output Discharge
Function
REFERENCE
CURRENT-LIMIT,
UVLO, AND
THERMAL
PROTECTION
SHUTDOWN
VOUT
ADJ
VIN
GND
EN
ADP165
R1
Figure 33. Internal Block Diagram, Adjustable Output with Output Discharge
Function
REFERENCE
CURRENT-LIMIT,
UVLO, AND
THERMAL
PROTECTION
SHUTDOWN
R1
R2
VOUT
VIN
GND
EN
ADP166
Figure 34. Internal Block Diagram, Fixed Output Without Output Discharge
Function
REFERENCE
CURRENT-LIMIT,
UVLO, AND
THERMAL
PROTECTION
SHUTDOWN
VOUT
ADJ
VIN
GND
EN
ADP166
Figure 35. Internal Block Diagram, Adjustable Output Without Output
Discharge Function
Internally, the ADP165/ADP166 consist of a reference, an error
amplifier, a feedback voltage divider, and a PMOS pass transistor.
Output current is delivered via the PMOS pass device, which is
controlled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and
amplifies the difference. If the feedback voltage is lower than the
reference voltage, the gate of the PMOS device is pulled lower,
allowing more current to pass and increasing the output voltage.
If the feedback voltage is higher than the reference voltage, the
gate of the PMOS device is pulled higher, allowing less current to
pass and decreasing the output voltage.
The adjustable ADP165/ADP166 have an output voltage range
of 1.0 V to 4.2 V. The output voltage is set by the ratio of two
external resistors, which are the same as the R1 and R2 resistors in
Figure 32 and Figure 34, but are connected through the ADJ pin.
The device servos the output to maintain the voltage at the ADJ pin
at 1.0 V referenced to ground. The current in R1 is then equal
to 1.0 V/R2, and the current in R1 is the current in R2 plus the
ADJ pin bias current. The ADJ pin bias current, 10 nA at 25°C,
flows through R1 into the ADJ pin.
Calculate the output voltage using the following equation:
VOUT = 1.0 V(1 + R1/R2) + (ADJI-BIAS)(R1)
The value of R1 must be less than 200 kΩ to minimize errors in the
output voltage caused by the ADJ pin bias current. For example,
when R1 and R2 each equal 200 kΩ, the output voltage is 2.0 V.
The output voltage error introduced by the ADJ pin bias current
is 2 mV or 0.05%, assuming a typical ADJ pin bias current of
10 nA at 25°C.
Rev. A | Page 13 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com